Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVS12 Datasheet (PDF) - STMicroelectronics

AVS12 Datasheet PDF - STMicroelectronics
Part # AVS12
Download  AVS12 Download
File Size   76.55 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AUTOMATIC VOLTAGE SWITCH SMPS < 500W

AVS12 Datasheet (PDF)

Go To PDF Page Download Datasheet
AVS12 Datasheet PDF - STMicroelectronics

Part # AVS12
Download  AVS12 Click to download

File Size   76.55 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AUTOMATIC VOLTAGE SWITCH SMPS < 500W

AVS12 Datasheet (HTML) - STMicroelectronics


AVS12 Product details

DESCRIPTION
The AVS12 kit is an automatic mains selector (110/220V AC) to be used in SMPS < 500 W. It is composed of 2 devices :
■ The Controller is optimized for low consumption and high security triggering of the triac. When connected to VSS, the mode input activates an additional option. If the main power drops from 220V to 110V, the triac control remains locked to the 220V mode and avoids any high voltage spike when the voltage is restored to 220V. When connected to VDD, the mode input desactivates this option.
■ The TRIAC is specially designed for this application. An optimization between sensitivity and dynamic parameters of the triac gate highly reduces the losses of supply resistor and allows excellent immunity against disturbances.

CONTROLLER
■ 50/60Hz FULL COMPATIBILITY
■ INTEGRATED VOLTAGE REGULATOR
■ TRIGGERING PULSE TRAIN OF THE TRIAC
■ PARASITIC FILTER
■ LOW POWER CONSUMPTION

TRIAC
■ HIGH EFFICIENCY AND SAFETY SWITCHING
■ UNINSULATED PACKAGE : AVS12CB
■ VDRM = ± 600 V
■ IT(RMS) : 12A




Similar Part No. - AVS12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AVS10 STMICROELECTRONICS-AVS10 Datasheet
80Kb / 8P
AUTOMATIC VOLTAGE SWITCH SMPS < 300W
Mar-1995
logo
AEROTECH US. ALL RIGHTS...
AVS100-06 AEROTECH-AVS100-06 Datasheet
351Kb / 6P
Mechanical-Bearing Screw-Driven Lift Stage
AVS100-13 AEROTECH-AVS100-13 Datasheet
351Kb / 6P
Mechanical-Bearing Screw-Driven Lift Stage
AVS100-13 AEROTECH-AVS100-13 Datasheet
1Mb / 7P
Mechanical-Bearing Screw-Driven Lift Stage
AVS100-25 AEROTECH-AVS100-25 Datasheet
351Kb / 6P
Mechanical-Bearing Screw-Driven Lift Stage
More results


Similar Description - AVS12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AVS08 STMICROELECTRONICS-AVS08 Datasheet
68Kb / 7P
AUTOMATIC VOLTAGE SWITCH SMPS 200W
Mar-1995
AVS10 STMICROELECTRONICS-AVS10 Datasheet
80Kb / 8P
AUTOMATIC VOLTAGE SWITCH SMPS < 300W
Mar-1995
AVS20 STMICROELECTRONICS-AVS20 Datasheet
157Kb / 8P
AUTOMATIC VOLTAGE SWITCH SMPS < 300W
Jul-1992
logo
Won-Top Electronics
SA5A WTE-SA5A Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Sanken electric
STR80145A SANKEN-STR80145A Datasheet
12Kb / 1P
Voltage Doubler/Bridge Rectifier Automatic Switch ICs
logo
Diodes Incorporated
SA5V0A DIODES-SA5V0A Datasheet
66Kb / 3P
500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
500W TRANSIENT VOLTAGE SUPPRESSOR
SA180 WTE-SA180 Datasheet
72Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
500W TRANSIENT VOLTAGE SUPPRESSOR
Rev 13.2.2003
logo
Shenzhen Luguang Electr...
SA5V0CA LUGUANG-SA5V0CA Datasheet
2Mb / 3P
500W Transient Voltage Suppressor
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com