Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVS08 Datasheet (PDF) - STMicroelectronics

AVS08 Datasheet PDF - STMicroelectronics
Part # AVS08
Download  AVS08 Download
File Size   68.11 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AUTOMATIC VOLTAGE SWITCH SMPS 200W

AVS08 Datasheet (PDF)

Go To PDF Page Download Datasheet
AVS08 Datasheet PDF - STMicroelectronics

Part # AVS08
Download  AVS08 Click to download

File Size   68.11 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AUTOMATIC VOLTAGE SWITCH SMPS 200W

AVS08 Datasheet (HTML) - STMicroelectronics


AVS08 Product details

CONTROLLER

■ HIGH EFFICIENCY AND SAFETY SWITCHING

■ UNINSULATED PACKAGE : AVS08CB

■ INSULATED PACKAGE 2500V(RMS) : AVS08CBI

■ VDRM= ± 500 V

■ IT(RMS):5A





TRIAC

■ 50/60Hz FULL COMPATIBILITY

■ INTEGRATED VOLTAGE REGULATOR

■ TRIGGERING PULSE TRAIN OF THE TRIAC

■ PARASITIC FILTER

■ LOW POWER CONSUMPTION




Similar Part No. - AVS08

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
AVS01KIT SPECO-AVS01KIT Datasheet
498Kb / 2P
Speaker and microphone kit
07/30/25
More results


Similar Description - AVS08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AVS10 STMICROELECTRONICS-AVS10 Datasheet
80Kb / 8P
AUTOMATIC VOLTAGE SWITCH SMPS < 300W
Mar-1995
AVS12 STMICROELECTRONICS-AVS12 Datasheet
76Kb / 8P
AUTOMATIC VOLTAGE SWITCH SMPS < 500W
Mar-1995
AVS20 STMICROELECTRONICS-AVS20 Datasheet
157Kb / 8P
AUTOMATIC VOLTAGE SWITCH SMPS < 300W
Jul-1992
logo
Sanken electric
STR80145A SANKEN-STR80145A Datasheet
12Kb / 1P
Voltage Doubler/Bridge Rectifier Automatic Switch ICs
logo
List of Unclassifed Man...
AP7722 ETC2-AP7722 Datasheet
17Kb / 1P
Rack Automatic Transfer Switch
logo
HuaXinAn Electronics CO...
SMF3.3A HUAXINAN-SMF3.3A Datasheet
430Kb / 5P
200W Transient Voltage Suppressors
logo
WeEn Semiconductors
SOD WEEN-SOD Datasheet
576Kb / 7P
200W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
SMAJ LEIDITECH-SMAJ Datasheet
1,006Kb / 3P
200W Transient Voltage Suppressor
SMF LEIDITECH-SMF Datasheet
1Mb / 5P
200W Transient Voltage Suppressor
01.06.2018
logo
Inventronics Inc.
EUV-200SXXXST INVENTRONICS-EUV-200SXXXST Datasheet
681Kb / 11P
200W Constant Voltage IP67 Driver
Rev. R
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com