Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVS10 Datasheet (PDF) - STMicroelectronics

AVS10 Datasheet PDF - STMicroelectronics
Part # AVS10
Download  AVS10 Download
File Size   80.9 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AUTOMATIC VOLTAGE SWITCH SMPS < 300W

AVS10 Datasheet (PDF)

Go To PDF Page Download Datasheet
AVS10 Datasheet PDF - STMicroelectronics

Part # AVS10
Download  AVS10 Click to download

File Size   80.9 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AUTOMATIC VOLTAGE SWITCH SMPS < 300W

AVS10 Datasheet (HTML) - STMicroelectronics


AVS10 Product details

DESCRIPTION
The AVS20 (AVS200) kit is an automatic mains selector (120/230V AC) to be used in SMPS with input power < 300 W. It is composed of 2 devices :
    • The Controller is optimized for low consumption and high security triggering of the triac. When connected to VSS, the mode input activates an additional option “the latched option”. If the main power drops from 230V to 120V, the triac control remains locked to the 230V mode and avoids any high voltage spike when the voltage is restored to 230V. When connected to VDD, the mode input desactivates this option “this is the follower option”.
    • The TRIAC is speciallydesigned forthis application. An optimization between sensitivity and dynamic parameters of the triac gate highly reduces the losses of supply resistor and allows excellent immunity against line disturbances.

CONTROLLER
■ 50/60Hz FULL COMPATIBILITY
■ INTEGRATED VOLTAGE REGULATOR
■ TRIAC TRIGGERING BY PULSE TRAIN
■ HIGH IMMUNITY TO AC DISTURBANCES (SPIKES, MISSING CYCLE)
■ HIGH RELIABILITY ON LINE VOLTAGE DETECTION (PARASITIC FILTER ON SIGNAL INPUT)
■ FAST DIGITAL START-UP TIME (< 2 LINE CYCLES)
■ LOW POWER CONSUMPTION

TRIAC
■ HIGH EFFICIENCY AND SAFETY SWITCHING
■ UNINSULATED PACKAGE : AVS10CB/AVS100CB
■ INSULATED PACKAGE (2500VRMS) : AVS10CBI
■ VDRM = ±600V (AVS10CB), ±800V (AVS100CB)
■ IT(RMS) : 8A




Similar Part No. - AVS10

ManufacturerPart #DatasheetDescription
logo
AEROTECH US. ALL RIGHTS...
AVS100-06 AEROTECH-AVS100-06 Datasheet
351Kb / 6P
Mechanical-Bearing Screw-Driven Lift Stage
AVS100-13 AEROTECH-AVS100-13 Datasheet
351Kb / 6P
Mechanical-Bearing Screw-Driven Lift Stage
AVS100-13 AEROTECH-AVS100-13 Datasheet
1Mb / 7P
Mechanical-Bearing Screw-Driven Lift Stage
AVS100-25 AEROTECH-AVS100-25 Datasheet
351Kb / 6P
Mechanical-Bearing Screw-Driven Lift Stage
AVS100-25 AEROTECH-AVS100-25 Datasheet
1Mb / 7P
Mechanical-Bearing Screw-Driven Lift Stage
More results


Similar Description - AVS10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AVS08 STMICROELECTRONICS-AVS08 Datasheet
68Kb / 7P
AUTOMATIC VOLTAGE SWITCH SMPS 200W
Mar-1995
AVS12 STMICROELECTRONICS-AVS12 Datasheet
76Kb / 8P
AUTOMATIC VOLTAGE SWITCH SMPS < 500W
Mar-1995
AVS20 STMICROELECTRONICS-AVS20 Datasheet
157Kb / 8P
AUTOMATIC VOLTAGE SWITCH SMPS < 300W
Jul-1992
logo
Sanken electric
STR80145A SANKEN-STR80145A Datasheet
12Kb / 1P
Voltage Doubler/Bridge Rectifier Automatic Switch ICs
logo
Comchip Technology
CTAN143V3-G COMCHIP-CTAN143V3-G Datasheet
169Kb / 3P
300W Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
SD24 SECOS-SD24 Datasheet
316Kb / 2P
300W Transient Voltage Suppressors Diode
SD03 SECOS-SD03_15 Datasheet
332Kb / 3P
300W Transient Voltage Suppressors Diode
SD05 SECOS-SD05_15 Datasheet
152Kb / 3P
300W Transient Voltage Suppressors Diode
logo
STMicroelectronics
AN1621 STMICROELECTRONICS-AN1621 Datasheet
120Kb / 14P
300W SECONDARY CONTROLLED TWO-SWITCH
Nov-2002
logo
Inventronics Inc.
EUV-300SXXXSV INVENTRONICS-EUV-300SXXXSV Datasheet
389Kb / 8P
300W Constant Voltage IP67 Driver
Rev. O
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com