Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVS10 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AVS10
Description  AUTOMATIC VOLTAGE SWITCH SMPS < 300W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AVS10 Datasheet(HTML) 4 Page - STMicroelectronics

  AVS10 Datasheet HTML 1Page - STMicroelectronics AVS10 Datasheet HTML 2Page - STMicroelectronics AVS10 Datasheet HTML 3Page - STMicroelectronics AVS10 Datasheet HTML 4Page - STMicroelectronics AVS10 Datasheet HTML 5Page - STMicroelectronics AVS10 Datasheet HTML 6Page - STMicroelectronics AVS10 Datasheet HTML 7Page - STMicroelectronics AVS10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Fig.1 :Maximum RMS power dissipation versus RMS on-
state current (F = 60Hz).
(Curves are cut off by (dI/dt)c limitation)
Fig. 2 :Correlation between maximum mean power dissipa-
tion and maximum allowable temperatures (Tamb and
Tcase) for different thermal resistances heatsink + contact
(AVS10CB).
Fig. 4 :Non repetitive surge peak on-state current for a
sinusoidal pulse with width : t
≤ 10ms, and corresponding
value of I2t.
Fig. 5 :On-state characteristics (maximum values).
Fig. 3 :Correlation between maximum mean power dissipa-
tion and maximum allowable temperatures (Tamb and
Tcase) for different thermal resistances heatsink + contact
(AVS10CBI).
AVS10
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com