Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVS10 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AVS10
Description  AUTOMATIC VOLTAGE SWITCH SMPS < 300W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AVS10 Datasheet(HTML) 2 Page - STMicroelectronics

  AVS10 Datasheet HTML 1Page - STMicroelectronics AVS10 Datasheet HTML 2Page - STMicroelectronics AVS10 Datasheet HTML 3Page - STMicroelectronics AVS10 Datasheet HTML 4Page - STMicroelectronics AVS10 Datasheet HTML 5Page - STMicroelectronics AVS10 Datasheet HTML 6Page - STMicroelectronics AVS10 Datasheet HTML 7Page - STMicroelectronics AVS10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS
CONTROLLER AVS1ACP08
(1) Gate supply : IG = 100mA – di/dt = 1A/µs
* For either polarity of electrode A2 voltage with reference to electrode A1
(2) Tj = 110
°C
Symbol
Parameter
Value
Un it
Mi n.
Max.
VSS
Supply voltage
- 12
0.5
V
VI /VO
I / O voltage
VSS - 0.5
0.5
V
II /IO
I / O current
- 40
+ 40
mA
Tstg
Storage Temperature
- 60
+ 150
°C
Toper
Operating Temperature code
” C ”
0
+ 70
°C
TRIAC AVS10CB / AVS10CBI Tj = +25
°C (unless otherwise specified)
Symbol
Parameter
Value
Un it
VDRM
Repetitive peak off-state voltage (2)
± 600
V
IT(RMS)
RMS on-state current
(360
° conduction angle)
AVS10CB
TC =80°C
8A
AVS10CBI
TC =70°C
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25°C)
t = 8.3ms
t = 10ms
85
80
A
I2tI2t value
t = 10ms
32
A2s
dI/dt
Critical rate of rise of on-state current (1)
Repetitive
F = 50Hz
20
A/
µs
Non
Repetitive
100
dv/dt *
Linear slope up to 0.67 VDRM
Gate open
Tj = 110°C50
V/
µs
Tstg
Tj
Storage Temperature
Operating Junction Temperature
- 40 + 150
0 + 110
°C
BLOCK DIAGRAM
Q
Q
Reset
CP
S
CP
OSC/IN
OSC/OUT
MODE
Parasitic
Filter
Peak Voltage
Dectector
AVS1ACP08
A1
A2
Triggering
Time
Controller
AVS10CB
or
AVS10CBI
Supply
1
4
8
2
3
Oscillator
Zero Crossing
Detector
5
3
4
2
1
V
V
G
G
DD
7
DD
V
V
V
M
SS
Mains
mode
Controller
MR
AVS10
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com