Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVS10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AVS10
Description  AUTOMATIC VOLTAGE SWITCH SMPS < 300W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AVS10 Datasheet(HTML) 1 Page - STMicroelectronics

  AVS10 Datasheet HTML 1Page - STMicroelectronics AVS10 Datasheet HTML 2Page - STMicroelectronics AVS10 Datasheet HTML 3Page - STMicroelectronics AVS10 Datasheet HTML 4Page - STMicroelectronics AVS10 Datasheet HTML 5Page - STMicroelectronics AVS10 Datasheet HTML 6Page - STMicroelectronics AVS10 Datasheet HTML 7Page - STMicroelectronics AVS10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AVS10
AUTOMATIC VOLTAGE SWITCH (SMPS < 300W)
CONTROLLER
s
50/60Hz FULL COMPATIBILITY
s
INTEGRATED VOLTAGE REGULATOR
s
TRIGGERING PULSE TRAIN OF THE TRIAC
s
PARASITIC FILTER
s
LOW POWER CONSUMPTION
TRIAC
s
HIGH EFFICIENCY AND SAFETY SWITCHING
s
UNINSULATED PACKAGE : AVS10CB
s
INSULATED PACKAGE 2500V(RMS) : AVS10CBI
s
VDRM = ± 600V
s
IT(RMS):8A
March 1995
DESCRIPTION
The AVS10 kit is an automatic mains selector
(110/220V AC) to be used in SMPS < 300 W. It
is composed of 2 devices :
• The Controller is optimized for low consump-
tion and high security triggering of the triac.
When connected to VSS, the mode input acti-
vates an additional option. If the main power
drops from 220V to 110V, the triac control re-
mains locked to the 220V mode and avoids
any high voltage spike when the voltage is re-
stored to 220V.
When connected to VDD, the mode input de-
sactivates this option.
• The TRIAC is specially designed for this appli-
cation. An optimization between sensitivity and
dynamic parameters of the triac gate highly
reduces the losses of supply resistor and al-
lows excellent immunity against disturbances.
P
DIP8
(Plast ic)
B
TO 220AB
(Plastic)
A1
A2
G
PIN CONNECTION
1/8


Similar Part No. - AVS10

ManufacturerPart #DatasheetDescription
logo
AEROTECH US. ALL RIGHTS...
AVS100-06 AEROTECH-AVS100-06 Datasheet
351Kb / 6P
Mechanical-Bearing Screw-Driven Lift Stage
AVS100-13 AEROTECH-AVS100-13 Datasheet
351Kb / 6P
Mechanical-Bearing Screw-Driven Lift Stage
AVS100-13 AEROTECH-AVS100-13 Datasheet
1Mb / 7P
Mechanical-Bearing Screw-Driven Lift Stage
AVS100-25 AEROTECH-AVS100-25 Datasheet
351Kb / 6P
Mechanical-Bearing Screw-Driven Lift Stage
AVS100-25 AEROTECH-AVS100-25 Datasheet
1Mb / 7P
Mechanical-Bearing Screw-Driven Lift Stage
More results

Similar Description - AVS10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AVS08 STMICROELECTRONICS-AVS08 Datasheet
68Kb / 7P
AUTOMATIC VOLTAGE SWITCH SMPS 200W
Mar-1995
AVS12 STMICROELECTRONICS-AVS12 Datasheet
76Kb / 8P
AUTOMATIC VOLTAGE SWITCH SMPS < 500W
Mar-1995
AVS20 STMICROELECTRONICS-AVS20 Datasheet
157Kb / 8P
AUTOMATIC VOLTAGE SWITCH SMPS < 300W
Jul-1992
logo
Sanken electric
STR80145A SANKEN-STR80145A Datasheet
12Kb / 1P
Voltage Doubler/Bridge Rectifier Automatic Switch ICs
logo
Comchip Technology
CTAN143V3-G COMCHIP-CTAN143V3-G Datasheet
169Kb / 3P
300W Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
SD24 SECOS-SD24 Datasheet
316Kb / 2P
300W Transient Voltage Suppressors Diode
SD03 SECOS-SD03_15 Datasheet
332Kb / 3P
300W Transient Voltage Suppressors Diode
SD05 SECOS-SD05_15 Datasheet
152Kb / 3P
300W Transient Voltage Suppressors Diode
logo
STMicroelectronics
AN1621 STMICROELECTRONICS-AN1621 Datasheet
120Kb / 14P
300W SECONDARY CONTROLLED TWO-SWITCH
Nov-2002
logo
Inventronics Inc.
EUV-300SXXXSV INVENTRONICS-EUV-300SXXXSV Datasheet
389Kb / 8P
300W Constant Voltage IP67 Driver
Rev. O
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com