Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVS12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AVS12
Description  AUTOMATIC VOLTAGE SWITCH SMPS < 500W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AVS12 Datasheet(HTML) 1 Page - STMicroelectronics

  AVS12 Datasheet HTML 1Page - STMicroelectronics AVS12 Datasheet HTML 2Page - STMicroelectronics AVS12 Datasheet HTML 3Page - STMicroelectronics AVS12 Datasheet HTML 4Page - STMicroelectronics AVS12 Datasheet HTML 5Page - STMicroelectronics AVS12 Datasheet HTML 6Page - STMicroelectronics AVS12 Datasheet HTML 7Page - STMicroelectronics AVS12 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AVS12
AUTOMATIC VOLTAGE SWITCH (SMPS < 500W)
CONTROLLER
s
50/60Hz FULL COMPATIBILITY
s
INTEGRATED VOLTAGE REGULATOR
s
TRIGGERING PULSE TRAIN OF THE TRIAC
s
PARASITIC FILTER
s
LOW POWER CONSUMPTION
TRIAC
s
HIGH EFFICIENCY AND SAFETY SWITCHING
s
UNINSULATED PACKAGE : AVS12CB
s
VDRM = ± 600V
s
IT(RMS): 12A
March 1995
B
TO 220AB
(Plastic)
P
DIP8
(Plast ic)
1
2
3
4
V
Mode
V
8
7
6
5
V
V
Osc / In
Osc / Out
N.C.
A1
A2
G
DESCRIPTION
The AVS12 kit is an automatic mains selector
(110/220V AC) to be used in SMPS < 500 W. It
is composed of 2 devices :
• The Controller is optimized for low consump-
tion and high security triggering of the triac.
When connected to VSS, the mode input acti-
vates an additional option. If the main power
drops from 220V to 110V, the triac control re-
mains locked to the 220V mode and avoids
any high voltage spike when the voltage
comes back to 220V.
When connected to VDD, the mode input de-
sactivates this option.
• The TRIAC is specially designed for this appli-
cation. An optimization between sensitivity and
dynamic parameters of the triac gate highly
reduces the losses of supply resistor and al-
lows excellent immunity against disturbances.
PIN CONNECTION
1/8


Similar Part No. - AVS12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AVS10 STMICROELECTRONICS-AVS10 Datasheet
80Kb / 8P
AUTOMATIC VOLTAGE SWITCH SMPS < 300W
Mar-1995
logo
AEROTECH US. ALL RIGHTS...
AVS100-06 AEROTECH-AVS100-06 Datasheet
351Kb / 6P
Mechanical-Bearing Screw-Driven Lift Stage
AVS100-13 AEROTECH-AVS100-13 Datasheet
351Kb / 6P
Mechanical-Bearing Screw-Driven Lift Stage
AVS100-13 AEROTECH-AVS100-13 Datasheet
1Mb / 7P
Mechanical-Bearing Screw-Driven Lift Stage
AVS100-25 AEROTECH-AVS100-25 Datasheet
351Kb / 6P
Mechanical-Bearing Screw-Driven Lift Stage
More results

Similar Description - AVS12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AVS08 STMICROELECTRONICS-AVS08 Datasheet
68Kb / 7P
AUTOMATIC VOLTAGE SWITCH SMPS 200W
Mar-1995
AVS10 STMICROELECTRONICS-AVS10 Datasheet
80Kb / 8P
AUTOMATIC VOLTAGE SWITCH SMPS < 300W
Mar-1995
AVS20 STMICROELECTRONICS-AVS20 Datasheet
157Kb / 8P
AUTOMATIC VOLTAGE SWITCH SMPS < 300W
Jul-1992
logo
Won-Top Electronics
SA5A WTE-SA5A Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Sanken electric
STR80145A SANKEN-STR80145A Datasheet
12Kb / 1P
Voltage Doubler/Bridge Rectifier Automatic Switch ICs
logo
Diodes Incorporated
SA5V0A DIODES-SA5V0A Datasheet
66Kb / 3P
500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
500W TRANSIENT VOLTAGE SUPPRESSOR
SA180 WTE-SA180 Datasheet
72Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
500W TRANSIENT VOLTAGE SUPPRESSOR
Rev 13.2.2003
logo
Shenzhen Luguang Electr...
SA5V0CA LUGUANG-SA5V0CA Datasheet
2Mb / 3P
500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com