Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27313XMFX/NOPB.B Datasheet(PDF) 12 Page - Texas Instruments

Part # LM27313XMFX/NOPB.B
Description  LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM27313XMFX/NOPB.B Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM27313XMFX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 9Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 10Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 11Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 12Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 13Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 14Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 15Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Duty Cycle =
VOUT + VDIODE - VIN
VOUT + VDIODE - VSW
LM27313, LM27313-Q1
SNVS487E – DECEMBER 2006 – REVISED JANUARY 2015
www.ti.com
Typical Applications (continued)
(3)
This applies for continuous mode operation.
The equation shown for calculating duty cycle incorporates terms for the FET switch voltage and diode forward
voltage. The actual duty cycle measured in operation will also be affected slightly by other power losses in the
circuit such as wire losses in the inductor, switching losses, and capacitor ripple current losses from self-heating.
Therefore, the actual (effective) duty cycle measured may be slightly higher than calculated to compensate for
these power losses. A good approximation for effective duty cycle is:
DC (eff) = (1 - Efficiency x (VIN / VOUT))
where
•
the efficiency can be approximated from the curves provided.
(4)
8.2.1.2.8
Inductance Value
The first question we are usually asked is: “How small can I make the inductor?” (because they are the largest
sized component and usually the most costly). The answer is not simple and involves trade-offs in performance.
More inductance means less inductor ripple current and less output voltage ripple (for a given size of output
capacitor). More inductance also means more load power can be delivered because the energy stored during
each switching cycle is:
E = L/2 x (lp)
2
where
•
lp is the peak inductor current.
(5)
An important point to observe is that the LM27313 will limit its switch current based on peak current. This means
that because lp(max) is fixed, increasing L will increase the maximum amount of power available to the load.
Conversely, using too little inductance may limit the amount of load current which can be drawn from the output.
Best performance is usually obtained when the converter is operated in “continuous” mode at the load current
range of interest, typically giving better load regulation and less output ripple. Continuous operation is defined as
not allowing the inductor current to drop to zero during the cycle. It should be noted that all boost converters shift
over to discontinuous operation as the output load is reduced far enough, but a larger inductor stays “continuous”
over a wider load current range.
To better understand these tradeoffs, a typical application circuit (5V to 12V boost with a 10 µH inductor) will be
analyzed.
Because the LM27313 typical switching frequency is 1.6 MHz, the typical period is equal to 1/fSW(TYP), or
approximately 0.625 µs.
We will assume: VIN = 5 V, VOUT = 12 V, VDIODE = 0.5 V, VSW = 0.5 V. The duty cycle is:
Duty Cycle = ((12 V + 0.5 V - 5 V) / (12 V + 0.5 V - 0.5 V)) = 62.5%
(6)
The typical ON time of the switch is:
(62.5% x 0.625 µs) = 0.390 µs
(7)
It should be noted that when the switch is ON, the voltage across the inductor is approximately 4.5 V.
Use the equation:
V = L (di/dt)
(8)
Then, calculate the di/dt rate of the inductor which is found to be 0.45 A/µs during the ON time. Using these
facts, we can then show what the inductor current will look like during operation:
12
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM27313 LM27313-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com