Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27313XMFX/NOPB.B Datasheet(PDF) 15 Page - Texas Instruments

Part # LM27313XMFX/NOPB.B
Description  LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM27313XMFX/NOPB.B Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM27313XMFX/NOPB.B Datasheet HTML 11Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 12Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 13Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 14Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 15Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 16Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 17Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 18Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
LM27313, LM27313-Q1
www.ti.com
SNVS487E – DECEMBER 2006 – REVISED JANUARY 2015
Typical Applications (continued)
An inductor should be selected with enough inductance to prevent the switch current from reaching 800 mA in
the 0.524 µs ON time interval (see Figure 17):
Figure 17. Discontinuous Design, 5 V – 12 V Boost
The voltage across the inductor during ON time is 4.8 V. Minimum inductance value is found by:
L = V x (dt/dl)
(16)
L = 4.8 V x (0.524 µs / 0.8 mA) = 3.144 µH
(17)
In this case, a 3.3-µH inductor could be used, assuming it provided at least that much inductance up to the 800-
mA current value. This same analysis can be used to find the minimum inductance for any boost application.
8.2.1.2.13
Inductor Suppliers
Some of the recommended suppliers of inductors for this product include, but are not limited to, Sumida,
Coilcraft, Panasonic, TDK and Murata. When selecting an inductor, make certain that the continuous current
rating is high enough to avoid saturation at peak currents. A suitable core type must be used to minimize core
(switching) losses, and wire power losses must be considered when selecting the current rating.
8.2.1.2.14
Shutdown Pin Operation
The device is turned off by pulling the shutdown pin low. If this function is not going to be used, the pin should be
tied directly to VIN. If the SHDN function will be needed, a pullup resistor must be used to VIN (50 kΩ to 100 kΩ is
recommended), or the pin must be actively driven high and low. The SHDN pin must not be left unterminated.
8.2.1.3 Application Curves
Figure 18. Typical Startup Waveform for Vin = 3.3 V, Vout
Figure 19. Typical Startup Waveform for Vin = 5.0 V, Vout
= 12 V
= 12 V
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM27313 LM27313-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com