Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27313XMFX/NOPB.B Datasheet(PDF) 14 Page - Texas Instruments

Part # LM27313XMFX/NOPB.B
Description  LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM27313XMFX/NOPB.B Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM27313XMFX/NOPB.B Datasheet HTML 10Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 11Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 12Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 13Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 14Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 15Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 16Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 17Page - Texas Instruments LM27313XMFX/NOPB.B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
ILOAD(max) = (1 - DC) x (ISW(max) - DC (VIN - VSW))
2fL
LM27313, LM27313-Q1
SNVS487E – DECEMBER 2006 – REVISED JANUARY 2015
www.ti.com
Typical Applications (continued)
Combining all terms, we can develop an expression which allows the maximum available load current to be
calculated:
(12)
The equation shown to calculate maximum load current takes into account the losses in the inductor or turn-OFF
switching losses of the FET and diode. For actual load current in typical applications, we took bench data for
various input and output voltages and displayed the maximum load current available for a typical device in graph
form:
Figure 16. Max. Load Current vs VIN
8.2.1.2.11
Design Parameters VSW and ISW
The value of the FET ON voltage (referred to as VSW in the equations) is dependent on load current. A good
approximation can be obtained by multiplying the "ON Resistance" of the FET times the average inductor
current.
FET ON resistance increases at VIN values below 5V, because the internal N-FET has less gate voltage in this
input voltage range (see Typical Characteristics). Above VIN = 5 V, the FET gate voltage is internally clamped to
5V.
The maximum peak switch current the device can deliver is dependent on duty cycle. The minimum switch
current value (ISW) is ensured to be at least 800 mA at duty cycles below 50%. For higher duty cycles, see
Typical Characteristics.
8.2.1.2.12
Minimum Inductance
In some applications where the maximum load current is relatively small, it may be advantageous to use the
smallest possible inductance value for cost and size savings. The converter will operate in discontinuous mode in
such a case.
The minimum inductance should be selected such that the inductor (switch) current peak on each cycle does not
reach the 800 mA current limit maximum. To understand how to do this, an example will be presented.
In this example, the LM27313 nominal switching frequency is 1.6 MHz, and the minimum switching frequency is
1.15 MHz. This means the maximum cycle period is the reciprocal of the minimum frequency:
TON(max) = 1/1.15M = 0.870 µs
(13)
Assume: VIN = 5 V, VOUT = 12 V, VSW = 0.2 V, and VDIODE = 0.3 V. The duty cycle is:
Duty Cycle = ((12 V + 0.3 V - 5 V) / (12 V + 0.3 V - 0.2 V)) = 60.3%
(14)
Therefore, the maximum switch ON time is:
(60.3% x 0.870 µs) = 0.524 µs
(15)
14
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM27313 LM27313-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com