Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2960 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP2960
Description  LP2960 Adjustable Micropower 0.5A Low-Dropout Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2960 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP2960 Datasheet HTML 8Page - Texas Instruments LP2960 Datasheet HTML 9Page - Texas Instruments LP2960 Datasheet HTML 10Page - Texas Instruments LP2960 Datasheet HTML 11Page - Texas Instruments LP2960 Datasheet HTML 12Page - Texas Instruments LP2960 Datasheet HTML 13Page - Texas Instruments LP2960 Datasheet HTML 14Page - Texas Instruments LP2960 Datasheet HTML 15Page - Texas Instruments LP2960 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
LP2960
SNVS112C – APRIL 1999 – REVISED APRIL 2013
www.ti.com
OUTPUT ISOLATION
If the LP2960 output is connected to an active voltage source (such as a battery) the regulator input should not
be shorted to ground, as this will cause a large current to flow from the battery into the LP2960 output lead.
If the LP2960 input is left floating with the output connected to a battery, a small current (a few mA) will flow into
the output lead.
The “reverse” current flowing from the battery into the LP2960 output can be prevented by using a blocking diode
between the output and the battery.
REDUCING OUTPUT NOISE
In reference applications it may be desirabIe to reduce the AC noise present on the output. One method is to
reduce regulator bandwidth by increasing output capacitance. This is relatively inefficient, since large increases
in capacitance are required to get significant improvement.
Noise can be reduced more effectively by a bypass capacitor placed across R1 (refer to Basic Application
Circuit).
A 0.1
μF capacitor connected across R1 will reduce the high frequency gain of the circuit to unity, lowering the
RMS output noise voltage from 210
μV to 130 μV (typical) using a 10 Hz–100 kHz bandwidth test measurement.
Also, output noise is no longer proportional to the output voltage, so improvements are more pronounced at
higher output voltages.
IMPORTANT: Since the 0.1
μF capacitor reduces the AC gain of the LP2960 to unity, the output capacitance
must be increased to at least 33
μF to assure regulator stability.
DROPOUT DETECTION COMPARATOR
The dropout detection comparator produces a logic “LOW” on the Error output whenever the LP2960 output
drops out of regulation by more than about 5%. This figure results from the comparator’s built-in offset of 60 mV
divided by the 1.23V reference (refer to Block Diagram).
The “5% below nominal” trip level remains constant regardless of the programmed output voltage. An out-of-
regulation condition can result from low input voltage, current limiting, or thermal limiting.
The figure below gives a timing diagram showing the relationship between the output voltage, the Error output,
and input voltage as the input voltage is ramped up and down to a regulator programmed for 5V output.
*In shutdown mode, ERROR will go high if it has been pulled up to an external supply. To avoid this invalid response,
pull-up to regulator output.
**Exact value depends on dropout voltage. (See Application Hints)
Figure 26. Error Output Timing Diagram
The Error signal becomes low as VIN exceeds about 1.3V. It goes high at about 5V input, where the output
equals 4.75V. Since the dropout voltage is load dependent, the input voltage trip points will vary with load
current, but the output voltage trip point does not.
12
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LP2960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com