Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2960 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP2960
Description  LP2960 Adjustable Micropower 0.5A Low-Dropout Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2960 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2960 Datasheet HTML 9Page - Texas Instruments LP2960 Datasheet HTML 10Page - Texas Instruments LP2960 Datasheet HTML 11Page - Texas Instruments LP2960 Datasheet HTML 12Page - Texas Instruments LP2960 Datasheet HTML 13Page - Texas Instruments LP2960 Datasheet HTML 14Page - Texas Instruments LP2960 Datasheet HTML 15Page - Texas Instruments LP2960 Datasheet HTML 16Page - Texas Instruments LP2960 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LP2960
www.ti.com
SNVS112C – APRIL 1999 – REVISED APRIL 2013
The comparator has an open-collector output which requires an external pull-up resistor. This resistor may be
connected to the LP2960 output or another supply voltage.
Best operation is obtained by connecting the pull-up to the LP2960 output. If the pull-up resistor is connected to
an external 5V supply, the error flag will incorrectly signal “HIGH” whenever VIN < 1.3V (see Figure 26).
In selecting a value for the pull-up resistor, note that while the output can sink 400
μA, this current adds to
battery drain. Suggested values range from 100 k
Ω–1 MΩ. The resistor is not required if the output is unused.
If a large output capacitance is used, a false logic “HIGH” can be generated when VIN ≈1.3V. In this case, the
error output becomes a high impedance, causing the voltage at the error output to rise to its pull-up value. If the
pull-up resistor is connected to VOUT, the error output can rise to 1.2V (which is a logic “HIGH” signal incorrectly
signifying the output is in regulation).
The user may wish to divide down the error flag voltage using equal-value resistors (10 k
Ω suggested) to ensure
a low-level logic signal during any fault condition, while still allowing a valid high logic level during normal
operation.
AUXILIARY COMPARATOR
The LP2960 contains an auxiliary comparator whose inverting input is connected to the 1.23V reference. The
auxiIiary comparator has an open-collector output whose electrical characteristics are similar to the dropout
detection comparator. The non-inverting input and output are brought out for external connections.
SHUTDOWN INPUT
A logic-level signal will shut off the regulator output when a “LOW” (< 1.2V) is applied to the Shutdown input.
To prevent possible mis-operation, the Shutdown input must be actively terminated. If the input is driven from
open-collector logic, a pull-up resistor (20 k
Ω–100 kΩ recommended) should be connected from the Shutdown
input to the regulator input.
If the Shutdown input is driven from a source which actively pulls low and high (like an op-amp), the puIl-up
resistor is not required, but may be used.
If the Shutdown input is to be unused, the cost of the pull-up resistor can be saved by tying the Shutdown input
directly to the regulator input.
IMPORTANT: Since the Absolute Maximum Ratings state that the Shutdown input can not go more than 0.3V
below ground, the reverse-battery protection feature which protects the regulator input is sacrificed if the
Shutdown input is tied directly to the regulator input.
If reverse-battery protection is required in an application, the pull-up resistor between the Shutdown input and the
regulator input must be used.
GROUND CONNECTIONS
The pins designated GND (see Connection Diagram) must be connected to the high-current ground point in the
circuit.
The GND pins are electrically connected (through the lead frame) to the die substrate, making them ideal for
conducting ground current or heat (see HEATSINKING).
The surface-mount (D) package also has an Analog Ground pin, which is the ground point on the die for the
regulator reference circuitry.
Along with the Sense pin, the availability of the Analog Ground pin allows the designer the ability to use “remote”
sensing and eliminate output voltage errors due to IR drops occurring along PC board traces.
IMPORTANT: The Analog Ground pin must be connected to circuit ground at some point for the regulator to
operate.
If remote sensing is not needed, the Analog Ground pin can simply be pin-strapped to the adjacent GND pin.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP2960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com