Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3883 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP3883
Description  LP3883 3A Fast-Response Ultra Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3883 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3883 Datasheet HTML 5Page - Texas Instruments LP3883 Datasheet HTML 6Page - Texas Instruments LP3883 Datasheet HTML 7Page - Texas Instruments LP3883 Datasheet HTML 8Page - Texas Instruments LP3883 Datasheet HTML 9Page - Texas Instruments LP3883 Datasheet HTML 10Page - Texas Instruments LP3883 Datasheet HTML 11Page - Texas Instruments LP3883 Datasheet HTML 12Page - Texas Instruments LP3883 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LOAD CURRENT (A)
STABLE REGION
COUT = 4.7PF
COUT = 100PF
0
1
2
3
.001
.01
0.1
1.0
10
LP3883
www.ti.com
SNVS223F – NOVEMBER 2002 – REVISED APRIL 2013
APPLICATION HINTS
EXTERNAL CAPACITORS
To assure regulator stability, input and output capacitors are required as shown in the Typical Application Circuit.
OUTPUT CAPACITOR
At least 4.7µF of output capacitance is required for stability (the amount of capacitance can be increased without
limit). The output capacitor must be located less than 1 cm from the output pin of the IC and returned to a clean
analog ground. The ESR (equivalent series resistance) of the output capacitor must be within the "stable" range
as shown in the graph below over the full operating temperature range for stable operation.
Figure 33. Minimum ESR vs Output Load Current
Tantalum capacitors are recommended for the output as their ESR is ideally suited to the part's requirements
and the ESR is very stable over temperature. Aluminum electrolytics are not recommended because their ESR
increases very rapidly at temperatures below 10C. Aluminum caps can only be used in applications where lower
temperature operation is not required.
A second problem with Al caps is that many have ESR's which are only specified at low frequencies. The typical
loop bandwidth of a linear regulator is a few hundred kHz to several MHz. If an Al cap is used for the output cap,
it must be one whose ESR is specified at a frequency of 100 kHz or more.
Because the ESR of ceramic capacitors is only a few milli Ohms, they are not suitable for use as output
capacitors on LP388X devices. The regulator output can tolerate ceramic capacitance totaling up to 15% of the
amount of Tantalum capacitance connected from the output to ground.
OUTPUT "BYPASS" CAPACITORS
Many designers place small value "bypass" capacitors at various circuit points to reduce noise. Ceramic
capacitors in the value range of about 1000pF to 0.1µF placed directly on the output of a PNP or P-FET LDO
regulator can cause a loss of phase margin which can result in oscillations, even when a Tantalum output
capacitor is in parallel with it. This is not unique to Texas Instruments LDO regulators, it is true of any P-type
LDO regulator.
The reason for this is that PNP or P-FET regulators have a higher output impedance (compared to an NPN
regulator), which results in a pole-zero pair being formed by every different capacitor connected to the output.
The zero frequency is approximately:
Fz = 1 / (2 X π X ESR X C)
where
•
ESR is the equivalent series resistance of the capacitor
•
C is the value of capacitance
(1)
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com