Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3883 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3883
Description  LP3883 3A Fast-Response Ultra Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3883 Datasheet(HTML) 1 Page - Texas Instruments

  LP3883 Datasheet HTML 1Page - Texas Instruments LP3883 Datasheet HTML 2Page - Texas Instruments LP3883 Datasheet HTML 3Page - Texas Instruments LP3883 Datasheet HTML 4Page - Texas Instruments LP3883 Datasheet HTML 5Page - Texas Instruments LP3883 Datasheet HTML 6Page - Texas Instruments LP3883 Datasheet HTML 7Page - Texas Instruments LP3883 Datasheet HTML 8Page - Texas Instruments LP3883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LP3883
www.ti.com
SNVS223F – NOVEMBER 2002 – REVISED APRIL 2013
LP3883 3A Fast-Response Ultra Low Dropout Linear Regulators
Check for Samples: LP3883
1
FEATURES
DESCRIPTION
The LP3883 is a high-current, fast-response regulator
2
•
Ultra Low Dropout Voltage (210 mV @ 3A typ)
which can maintain output voltage regulation with
•
Low Ground Pin Current
minimum input to output voltage drop. Fabricated on
•
Load Regulation of 0.04%/A
a CMOS process, the device operates from two input
voltages: Vbias provides voltage to drive the gate of
•
60 nA Typical Quiescent Current in Shutdown
the N-MOS power transistor, while Vin is the input
•
1.5% Output Accuracy (25°C)
voltage which supplies power to the load. The use of
•
TO-220, DDPAK/TO-263 Packages
an external bias rail allows the part to operate from
ultra low Vin voltages. Unlike bipolar regulators, the
•
Over Temperature/over Current Protection
CMOS
architecture
consumes
extremely
low
•
−40°C to +125°C Junction Temperature Range
quiescent current at any output load current. The use
of an N-MOS power transistor results in wide
APPLICATIONS
bandwidth, yet minimum external capacitance is
required to maintain loop stability.
•
DSP Power Supplies
•
Server Core and I/O Supplies
The fast transient response of these devices makes
them
suitable
for
use
in
powering
DSP,
•
Linear Power Supplies for PC Add-in-Cards
Microcontroller Core voltages and Switch Mode
•
Set-Top Box Power Supplies
Power Supply post regulators. The parts are available
•
Microprocessor Power Supplies
in TO-220 and DDPAK/TO-263 packages.
•
High Efficiency Linear Power Supplies
Dropout Voltage: 210 mV (typ) @ 3A load current.
•
SMPS Post-Regulators
Ground Pin Current: 3 mA (typ) at full load.
Shutdown Current: 60 nA (typ) when S/D pin is low.
Precision Output Voltage: 1.5% room temperature
accuracy.
Typical Application Circuit
At least 4.7 µF of input and output capacitance is required for stability.
Connection Diagram
Figure 1. TO-220, Top View
Figure 2. DDPAK/TO-263, Top View
See NDH0005D Package
See KTT0005B Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3883 NSC-LP3883 Datasheet
367Kb / 12P
3A Fast-Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3883 TI-LP3883 Datasheet
1Mb / 19P
3A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3883ES-1.2 NSC-LP3883ES-1.2 Datasheet
367Kb / 12P
3A Fast-Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3883ES-1.2 TI-LP3883ES-1.2 Datasheet
1Mb / 19P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3883ES-1.2/NOPB TI-LP3883ES-1.2/NOPB Datasheet
1Mb / 19P
3A Fast-Response Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3853 NSC-LP3853 Datasheet
417Kb / 18P
3A Fast Response Ultra Low Dropout Linear Regulators
LP3883 NSC-LP3883 Datasheet
367Kb / 12P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3893 NSC-LP3893 Datasheet
342Kb / 12P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3856-ADJ NSC-LP3856-ADJ Datasheet
745Kb / 15P
3A Fast Response Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_06 Datasheet
769Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3853ET-33 TI1-LP3853ET-33 Datasheet
2Mb / 25P
LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
LP3856-ADJ TI-LP3856-ADJ_15 Datasheet
1Mb / 22P
3A Fast Response Ultra Low Dropout Linear Regulators
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
3A Fast Ultra Low Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
3A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com