Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3883 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP3883
Description  LP3883 3A Fast-Response Ultra Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3883 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3883 Datasheet HTML 7Page - Texas Instruments LP3883 Datasheet HTML 8Page - Texas Instruments LP3883 Datasheet HTML 9Page - Texas Instruments LP3883 Datasheet HTML 10Page - Texas Instruments LP3883 Datasheet HTML 11Page - Texas Instruments LP3883 Datasheet HTML 12Page - Texas Instruments LP3883 Datasheet HTML 13Page - Texas Instruments LP3883 Datasheet HTML 14Page - Texas Instruments LP3883 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LP3883
www.ti.com
SNVS223F – NOVEMBER 2002 – REVISED APRIL 2013
θJA = TRmax / PD
(6)
These parts are available in TO-220 and DDPAK/TO-263 packages. The thermal resistance depends on amount
of copper area or heat sink, and on air flow. If the maximum allowable value of
θJA calculated above is ≥ 60 °C/W
for TO-220 package and
≥ 60 °C/W for DDPAK/TO-263 package no heatsink is needed since the package can
dissipate enough heat to satisfy these requirements. If the value for allowable
θJA falls below these limits, a heat
sink is required.
HEATSINKING TO-220 PACKAGE
The thermal resistance of a TO220 package can be reduced by attaching it to a heat sink or a copper plane on a
PC board. If a copper plane is to be used, the values of
θJA will be same as shown in next section for TO263
package.
The heatsink to be used in the application should have a heatsink to ambient thermal resistance,
θHA≤ θJA − θCH − θJC.
(7)
In this equation,
θCH is the thermal resistance from the case to the surface of the heat sink and θJC is the thermal
resistance from the junction to the surface of the case.
θJC is about 3°C/W for a TO220 package. The value for
θCH depends on method of attachment, insulator, etc. θCH varies between 1.5°C/W to 2.5°C/W. If the exact value
is unknown, 2°C/W can be assumed.
HEATSINKING DDPAK/TO-263 PACKAGE
The DDPAK/TO-263 package uses the copper plane on the PCB as a heatsink. The tab of these packages are
soldered to the copper plane for heat sinking. The graph below shows a curve for the
θJA of DDPAK/TO-263
package for different copper area sizes, using a typical PCB with 1 ounce copper and no solder mask over the
copper area for heat sinking.
Figure 34.
θJA vs Copper (1 Ounce) Area for DDPAK/TO-263 package
As shown in the graph below, increasing the copper area beyond 1 square inch produces very little improvement.
The minimum value for
θJA for the DDPAK/TO-263 package mounted to a PCB is 32°C/W.
Figure 35 shows the maximum allowable power dissipation for DDPAK/TO-263 packages for different ambient
temperatures, assuming
θJA is 35°C/W and the maximum junction temperature is 125°C.
Figure 35. Maximum power dissipation vs ambient temperature for DDPAK/TO-263 package
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com