Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38869MHX/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LP38869MHX/NOPB
Description  LP38869 1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38869MHX/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP38869MHX/NOPB Datasheet HTML 10Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 11Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 12Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 13Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 14Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 15Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 16Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 17Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
CIN
1 PF
ON-
OFF-
VOUT
COUT
1 PF
LP38869
OUT
OUT
OUT
OUT
SET
GND
IN
IN
IN
IN
SS
SHDN
RST
DAP
RESET
VIN
CSS
R1
R2
RSS
LP38869
SNVS877B – AUGUST 2012 – REVISED APRIL 2013
www.ti.com
where CSS is in nF, and the calculated tSS result is in milli-seconds.
Typical Soft-Start capacitor values are between 10nF to 100nF. The typical tSS with a CSS of 100 nF is:
tSS = (100 nF / 6.7 uA ) x 1.25V = 18.6 ms
(5)
Use of a low leakage capacitor for CSS is required, and voltage rating of 5V for CSS is adequate.
Because the CSS ramp is applied to the output current-limit comparator, the actual time for the output voltage to
ramp-up depends on the actual load current demand and output capacitor value. Leaving the SS pin open will
disable the Soft-Start behavior by setting the tSS time to zero.
Current Limiting
The LP38869 features a 2A current limit when the output voltage is in regulation. When the output voltage drops
by 8% below its nominal value, the current limit folds back to 1.7A. While the LP38869 output can be shorted to
ground for an indefinite period of time without damaging the device, power dissipation due to continuous output
currents of more than 1A may stress, or damage, adjacent components. The nominal current limit can be
reduced by holding the voltage at the Soft-Start (SS) pin below 1.25V. For VSS rising from approximately 300 mV
to 1,25V the current limits scale proportionately with the VSS by:
ILIM = 1A x (VSS / 1.25V)
(6)
Since the SS pin sources a typical 6.7 µA current (ISS), the current limit can be reduced below 1A by connecting
a resistor (RSS) between the SS pin and GND, so that:
ILIM = 1A x (( ISS x RSS) / 1.25V))
(7)
where the typical ISS = 6.7 µA.
The useful range of RSS values is approximately 75 kΩ to 200 kΩ. RSS values less than 75 kΩ may not be able to
reliably raise VSS above the minimum needed (typically 300 mV) to activate the current limit. RSS values greater
than 200 k
Ω will only have a marginal impact on the nominal current limit.
With RSS in place, Soft-Start can still be achieved by placing a capacitor (CSS) in parallel with RSS. The output
current now ramps up asymptotically to the reduced current limit rather than the nominal value, increasing the
soft-start time. The time required for the current limit to reach 90% of its steady-state value with RSS in place is
estimated by:
tSS = 2.5 x RSS x CSS
(8)
Figure 34. Typical Operating Circuit Soft-Start and Current Limit Reduction
14
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LP38869



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com