Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38869MHX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LP38869MHX/NOPB
Description  LP38869 1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38869MHX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LP38869MHX/NOPB Datasheet HTML 1Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 2Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 3Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 4Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 5Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 6Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 7Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 8Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LP38869
www.ti.com
SNVS877B – AUGUST 2012 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN to GND (Survival)
-0.3V to 6.0V
All other inputs to GND
-0.3V to 6.0V
Power Dissipation (Survival)
Internally Limited
IOUT (Survival)
Internally Limited
ESD Rating(3),Human Body Model
2 kV
Storage Temperature Range
-65°C to +150°C
Junction Temperature
150°C
Peak Reflow Temperature (4)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Test method is per JESD22-A114.
(4)
Peak Reflow Temperatures for Surface Mount devices are defined in Absolute Maximum Ratings for Soldering (literature number
SNOA549).
Operating Ratings
(1)
VIN Voltage
2.7V to 5.5V
VSHDN Voltage
0V to 5.5V
VRST Voltage
0V to VIN
Junction Temperature (TJ)
(2)
−40°C to +125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
Operating junction temperature must be evaluated, and derated as needed, based on ambient temperature (TA), power dissipation (PD),
maximum allowable operating junction temperature (TJ(MAX)), and package thermal resistance (θJA). See Operating Region and Power
Dissipation.
Electrical Characteristics
Unless otherwise specified: VIN = VOUT(NOM) + 500 mV, VSHDN = VIN, IOUT = 10 mA, CIN = 1 μF MLCC, COUT = 1 μF MLCC, SS =
Open. Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of
-40°C to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values
represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Input Voltage Operating Range
2.7
-
5.5
V
VIN Rising or Falling
UVLO
Input Under-Voltage Lock-Out
2.27
2.45
2.58
V
Includes Hysteresis
ΔUVLO
UVLO Hysteresis
-
64
-
mV
3.0V
≤ VIN ≤ 5.5V,
-0.50
-
0.50
Output Voltage Accuracy
IOUT = 1 mA, TJ = 25°C
VOUT
%
(Pre-Set Mode)
IOUT = 1 mA
-0.75
-
0.75
Regulated Feedback Voltage
VREF
IOUT = 150 mA
794
800
806
mV
(Adjustable Mode)
ΔVOUT(LINE)
Line Regulation (1)
ΔVIN = 3.0 to 5.5V
-
0.0011
-
%/V
ΔVOUT(LOAD)
Load Regulation (2)
ΔIOUT = 1 mA to 1A
-
0.2
1.85
%/A
(1)
Line Regulation is the % change in VOUT from VOUT(NOM) for every 1V change in VIN,Line Regulation = (( ΔVOUT / VOUT(NOM)) / ΔVIN ) x
100%
(2)
Load Regulation is the % change in VOUT from VOUT(NOM) for every 1A change in IOUT, Load Regulation = (( ΔVOUT / VOUT(NOM) ) /
ΔIOUT ) x 100%
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP38869



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com