Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38869MHX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LP38869MHX/NOPB
Description  LP38869 1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38869MHX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LP38869MHX/NOPB Datasheet HTML 1Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 2Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 3Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 4Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 5Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 6Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 7Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 8Page - Texas Instruments LP38869MHX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LP38869
SNVS877B – AUGUST 2012 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics (continued)
Unless otherwise specified: VIN = VOUT(NOM) + 500 mV, VSHDN = VIN, IOUT = 10 mA, CIN = 1 μF MLCC, COUT = 1 μF MLCC, SS =
Open. Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of
-40°C to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values
represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IOUT = 100 µA
-
0.6
2
IGND
Ground Pin Current
mA
IOUT = 1A
-
0.7
-
IOFF
Shutdown Supply Current
VSHDN = 0.0V, VIN = +5.5V, VOUT = 0V
-
2
20
µA
Adjustable Output Voltage Range
1 mA
≤ IOUT ≤ 1 A
0.8
-
5
V
IOUT(MAX)
Maximum Output Current
Continuous
1.0
-
-
A
ISC
Short Circuit Current
VOUT = 0V
1.0
1.9
-
A
VSET = 0.760V, -40°C ≤ TJ ≤ 85°C
2.0
ILIM
In Regulation Current Limit
3
-
A
VSET = 0.760V
1.9
Threshold is where SET pin voltage rising
VSET(TH)
SET Dual Mode Threshold
35
87
138
mV
from 0.0V deactivates the Pre-Set Mode
ISET
SET Pin Bias Current
VSET = +0.900V
-
2
300
nA
IOUT = 1 mA
-
0.2
-
VDO
Dropout Voltage (3)
mV
IOUT = 1.0A
-
185
330
VSHDN rising until output is acitve
VSHDN(ON)
SHDN ON Threshold
1.60
0.86
-
+2.7V
≤ VIN ≤ +5.5V
V
VSHDN falling until output is shutdown
VSHDN(OFF)
SHDN OFF Threshold
-
0.78
0.58
+2.7V
≤ VIN ≤ +5.5V
ΔVSHDN
VSHDN Hysteresis
+2.7V
≤ VIN ≤ +5.5V
-
80
-
mV
VSHDN = 0V
-
0.002
0.1
ISHDN
SHDN Input Bias Current
µA
VSHDN = 5.5V
-
0.002
0.1
ISS
Soft-Start Charge Current
VSS= 0.0V
-
6.7
-
µA
RST Output Low Voltage
IRST(SINK) = 1 mA
-
0.007
0.1
V
Operating Input Voltage (VIN)
IRST(SINK) = 10 μA
1.0
-
5.5
V
Range for RST Valid
IRST
RST Leakage
VIN = 5.5V, VRST = 5.5V
-
0.0
1
µA
VOUT falling from VOUT(NOM) until RST pin
%
VRST(TH)
RST Threshold
86
92
97
goes low
OUT
VOUT rising from VRST(TH) until RST pin goes
ΔVRST
RST Hysteresis
-
10
-
mV
high
Time from when VOUT returns to normal to
tRST(DELAY)
RST Release Delay time
1.0
3
5.5
ms
when VRST goes high
AC Parameters
F = 100 kHz, COUT = 1 µF Ceramic,
PSRR
Ripple Rejection
-
54
-
dB
IOUT = 300 mA
f = 10Hz to 100 kHz, COUT = 1µF Ceramic,
VNOISE
Output Noise
-
50
-
µVRMS
IOUT = 150 mA
Thermal Characteristics
TSD
Thermal Shutdown
TJ rising
-
160
-
°C
ΔTSD
Thermal Shutdown Hysteresis
TJ falling from TSD
-
15
-
(3)
Dropout voltage (VDO) is defined as the minimum input to output differential voltage at which the output voltage drops to 100 mV below
the nominal value. For any output voltage less than 2.5V, the minimum VIN operating voltage of 2.7V is the limiting factor, and dropout
voltage is not a valid parameter.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LP38869



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com