Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS787 Datasheet(PDF) 28 Page - Texas Instruments

Part # SLAS787
Description  MSP430G2231 Automotive Mixed-Signal Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS787 Datasheet(HTML) 28 Page - Texas Instruments

Back Button SLAS787 Datasheet HTML 24Page - Texas Instruments SLAS787 Datasheet HTML 25Page - Texas Instruments SLAS787 Datasheet HTML 26Page - Texas Instruments SLAS787 Datasheet HTML 27Page - Texas Instruments SLAS787 Datasheet HTML 28Page - Texas Instruments SLAS787 Datasheet HTML 29Page - Texas Instruments SLAS787 Datasheet HTML 30Page - Texas Instruments SLAS787 Datasheet HTML 31Page - Texas Instruments SLAS787 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
MSP430G2231-Q1
SLAS787B – NOVEMBER 2011 – REVISED MARCH 2014
www.ti.com
9.24 10-Bit ADC, Built-In Voltage Reference
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
IVREF+ ≤ 1 mA, REF2_5V = 0
2.2
Positive built-in reference
VCC,REF+
V
analog supply voltage range I
VREF+ ≤ 1 mA, REF2_5V = 1
2.9
IVREF+ ≤ IVREF+max, REF2_5V = 0
1.41
1.5
1.59
Positive built-in reference
VREF+
3 V
V
voltage
IVREF+ ≤ IVREF+max, REF2_5V = 1
2.35
2.5
2.65
Maximum VREF+ load
ILD,VREF+
3 V
±1
mA
current
IVREF+ = 500 µA ± 100 µA,
Analog input voltage VAx ≈ 0.75 V,
±2
REF2_5V = 0
VREF+ load regulation
3 V
LSB
IVREF+ = 500 µA ± 100 µA,
Analog input voltage VAx ≈ 1.25 V,
±2
REF2_5V = 1
IVREF+ = 100 µA → 900 µA,
VREF+ load regulation
VAx ≈ 0.5 × VREF+,
3 V
400
ns
response time
Error of conversion result
≤ 1 LSB,
ADC10SR = 0
Maximum capacitance at
CVREF+
IVREF+ ≤ ±1 mA, REFON = 1, REFOUT = 1
3 V
100
pF
pin VREF+
ppm/
TCREF+
Temperature coefficient
IVREF+ = const with 0 mA ≤ IVREF+ ≤ 1 mA
3 V
±100
°C
Settling time of internal
IVREF+ = 0.5 mA, REF2_5V = 0,
tREFON
reference voltage to 99.9%
3.6 V
30
µs
REFON = 0
→ 1
VREF
IVREF+ = 0.5 mA,
Settling time of reference
tREFBURST
REF2_5V = 1, REFON = 1,
3 V
2
µs
buffer to 99.9% VREF
REFBURST = 1, ADC10SR = 0
28
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: MSP430G2231-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com