Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS787 Datasheet(PDF) 11 Page - Texas Instruments

Part # SLAS787
Description  MSP430G2231 Automotive Mixed-Signal Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS787 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SLAS787 Datasheet HTML 7Page - Texas Instruments SLAS787 Datasheet HTML 8Page - Texas Instruments SLAS787 Datasheet HTML 9Page - Texas Instruments SLAS787 Datasheet HTML 10Page - Texas Instruments SLAS787 Datasheet HTML 11Page - Texas Instruments SLAS787 Datasheet HTML 12Page - Texas Instruments SLAS787 Datasheet HTML 13Page - Texas Instruments SLAS787 Datasheet HTML 14Page - Texas Instruments SLAS787 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
MSP430G2231-Q1
www.ti.com
SLAS787B – NOVEMBER 2011 – REVISED MARCH 2014
8.6 Memory Organization
Table 8. Memory Organization
MSP430G2231
Memory
Size
2KB
Main: interrupt vector
Flash
0xFFFF to 0xFFC0
Main: code memory
Flash
0xFFFF to 0xF800
Information memory
Size
256 Byte
Flash
010FFh to 01000h
RAM
Size
128B
027Fh to 0200h
Peripherals
16-bit
01FFh to 0100h
8-bit
0FFh to 010h
8-bit SFR
0Fh to 00h
8.7 Flash Memory
The flash memory can be programmed using the Spy-Bi-Wire or JTAG port or in-system by the CPU. The CPU
can perform single-byte and single-word writes to the flash memory. Features of the flash memory include:
•
Flash memory has n segments of main memory and four segments of information memory (A to D) of
64 bytes each. Each segment in main memory is 512 bytes in size.
•
Segments 0 to n may be erased in one step, or each segment may be individually erased.
•
Segments A to D can be erased individually or as a group with segments 0 to n. Segments A to D are also
called information memory.
•
Segment A contains calibration data. After reset segment A is protected against programming and erasing. It
can be unlocked but care should be taken not to erase this segment if the device-specific calibration data is
required.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: MSP430G2231-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com