Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS787 Datasheet(PDF) 4 Page - Texas Instruments

Part # SLAS787
Description  MSP430G2231 Automotive Mixed-Signal Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS787 Datasheet(HTML) 4 Page - Texas Instruments

  SLAS787 Datasheet HTML 1Page - Texas Instruments SLAS787 Datasheet HTML 2Page - Texas Instruments SLAS787 Datasheet HTML 3Page - Texas Instruments SLAS787 Datasheet HTML 4Page - Texas Instruments SLAS787 Datasheet HTML 5Page - Texas Instruments SLAS787 Datasheet HTML 6Page - Texas Instruments SLAS787 Datasheet HTML 7Page - Texas Instruments SLAS787 Datasheet HTML 8Page - Texas Instruments SLAS787 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
MSP430G2231-Q1
SLAS787B – NOVEMBER 2011 – REVISED MARCH 2014
www.ti.com
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
REVISION
DESCRIPTION
SLAS787
Product Preview release
SLAS787A
Production Data release
Formatting and document organization changes throughout.
Removed all information related to operation at 105°C.
SLAS787B
Removed all device variants except for MSP430G2231.
Added Device and Documentation Support and Mechanical, Packaging, and Orderable Information.
6 Device Characteristics
Table 1 shows the features of the MSP430G2231 device.
Table 1. Family Members
Flash
RAM
ADC10
Package
Device
BSL
EEM
Timer_A
USI
Clock
I/O
(KB)
(B)
Channel
Type
16-QFN
MSP430G2231
-
1
2
128
1x TA2
1
8
LF, DCO, VLO
10
14-TSSOP
4
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: MSP430G2231-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com