Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3K3WTPSICTOLLTOBO1 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # REF3K3WTPSICTOLLTOBO1
Description  3300 W bridgeless totem-pole PFC with CoolSiC™, CoolMOS™, and XMC™ digital control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

REF3K3WTPSICTOLLTOBO1 Datasheet(HTML) 3 Page - Infineon Technologies AG

  REF3K3WTPSICTOLLTOBO1 Datasheet HTML 1Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 2Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 3Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 4Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 5Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 6Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 7Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 8Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Parametrics
Parametrics
REF_3K3W_TP_SIC_TOLL
Board Type
Reference Board
Configuration
CCM totem pole
Description
3300 W bridgeless totem-pole PFC with CoolSiC™,
CoolMOS™, and XMC™ digital control
Dimensions
40mmx70mmx240mm ; 1000g
Family
MOSFET
Input Type
AC
P
  max
3300 W
out



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com