Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3K3WTPSICTOLLTOBO1 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # REF3K3WTPSICTOLLTOBO1
Description  3300 W bridgeless totem-pole PFC with CoolSiC™, CoolMOS™, and XMC™ digital control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

REF3K3WTPSICTOLLTOBO1 Datasheet(HTML) 1 Page - Infineon Technologies AG

  REF3K3WTPSICTOLLTOBO1 Datasheet HTML 1Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 2Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 3Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 4Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 5Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 6Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 7Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 8Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Home (/cms/en/)
Products (/cms/en/product/)
Evaluation Boards (/cms/en/product/evaluation-boards/)
REF_3K3W_TP_SIC_TOLL
REF_3K3W_TP_SIC_TOLL NEW
Overview
3300 W bridgeless totem-pole PFC with CoolSiC™, CoolMOS™, and XMC™
digital control
The EVAL_3K3W_TP_SIC_TOLL is a full system solution utilizing Infineon's power
semiconductors, drivers, and microcontrollers. It boasts a bridgeless totem-pole topology,
ideal for high-end applications that demand exceptional efficiency and power density. The
totem-pole design enables simplicity, reduces component count, and optimally utilizes
the PFC inductor and switches allowing for high power density at limited system cost.
List of components
Summary of Features
SiC-based totem-pole PFC 
Highest efficiency with CoolMOS™ and
CoolSiC™
SMD solution for high power density
Digital control enabled by XMC1402
Benefits
Full Infineon‘s semiconductor solution
98.9% high efficiency (@1650 W, 50%
load)
Compact design (80 W/in³)
Low component count
All
S


Similar Part No. - REF3K3WTPSICTOLLTOBO1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
REF3K3WHFHDPSUTOBO1 INFINEON-REF3K3WHFHDPSUTOBO1 Datasheet
1Mb / 12P
OptiMOSTM 5 Power-Transistor
Rev. 1.0
More results

Similar Description - REF3K3WTPSICTOLLTOBO1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DF4-19MR20W3M1HF_B11 INFINEON-DF4-19MR20W3M1HF_B11 Datasheet
611Kb / 14P
EasyPACK™ module with CoolSiC™ Trench MOSFET and PressFIT / NTC
Revision 1.00 2022-07-15
F3L600R10W4S7F_C22 INFINEON-F3L600R10W4S7F_C22 Datasheet
1Mb / 28P
EasyPACK™ module with TRENCHSTOP™ IGBT7 and CoolSiC™ Schottky diode and PressFIT / NTC
Revision 1.00 2022-05-06
DF11MR12W1M1HF_B67 INFINEON-DF11MR12W1M1HF_B67 Datasheet
920Kb / 21P
EasyPACK™ module with CoolSiC™ Trench MOSFET and PressFIT / NTC
Revision 0.10 2022-11-24
DF14MR12W1M1HF_B67 INFINEON-DF14MR12W1M1HF_B67 Datasheet
861Kb / 20P
EasyPACK™ module with CoolSiC™ Trench MOSFET and PressFIT / NTC
Revision 0.10 2022-11-24
DF17MR12W1M1HF_B68 INFINEON-DF17MR12W1M1HF_B68 Datasheet
799Kb / 20P
EasyPACK™ module with CoolSiC™ Trench MOSFET and PressFIT / NTC
Revision 0.10 2022-11-21
FS05MR12A6MA1B INFINEON-FS05MR12A6MA1B Datasheet
1Mb / 15P
HybridPACK™ Drive module with CoolSiC™ Automotive MOSFET
Revision 1.10 2022-07-19
FF2MR12W3M1H_B11 INFINEON-FF2MR12W3M1H_B11 Datasheet
1Mb / 16P
EasyPACK™ module with CoolSiC™ Trench MOSFET
Revision 1.10 2022-04-13
FS3L400R10W3S7F_B11 INFINEON-FS3L400R10W3S7F_B11 Datasheet
673Kb / 16P
EasyPACK™ module with TRENCHSTOP™ IGBT7 and CoolSiC™ Schottky diode and PressFIT / NTC
Revision 1.00 2022-08-24
FS13MR12W2M1H_B70 INFINEON-FS13MR12W2M1H_B70 Datasheet
648Kb / 16P
EasyPACK™ module with CoolSiC™ Trench MOSFET and PressFIT / NTC
Revision 0.30 2023-03-02
FS33MR12W1M1H INFINEON-FS33MR12W1M1H Datasheet
708Kb / 16P
EasyPACK™ module with CoolSiC™ Trench MOSFET and PressFIT / NTC
Revision 0.20 2022-12-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com