Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3K3WTPSICTOLLTOBO1 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # REF3K3WTPSICTOLLTOBO1
Description  3300 W bridgeless totem-pole PFC with CoolSiC™, CoolMOS™, and XMC™ digital control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

REF3K3WTPSICTOLLTOBO1 Datasheet(HTML) 2 Page - Infineon Technologies AG

  REF3K3WTPSICTOLLTOBO1 Datasheet HTML 1Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 2Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 3Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 4Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 5Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 6Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 7Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 8Page - Infineon Technologies AG REF3K3WTPSICTOLLTOBO1 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
(EiceDRIVER™ single-
channel isolated gate-driver)
(EiceDRIVER™ single-
channel isolated gate-driver)
(Schottky Diode)
(CoolSET™ Quasi-Resonant Controller)
(CoolSiC™ MOSFET discrete 650 V in TOLL package)
(CoolMOS™ S7 Superjunction MOSFET)
(CoolMOS™ P7 series MOSFET)
(XMC™ 32-bit Microcontrollers with ARM® Cortex®-M0)
Applications
1EDB8275F (/cms/en/product/power/gate-driver-ics/1edb8275f/)
1EDB9275F (/cms/en/product/power/gate-driver-ics/1edb9275f/)
BAT 165 E6327 (/cms/en/product/small-signal-transistors-diodes/diode/schottky-
diodes/bat165/)
ICE5QSAG (/dgdl/Infineon-ICE5QSAG-DataSheet-v02_10-EN.pdf?
fileId=5546d46259d9a4bf015a4af1df9b1119)
IMT65R048M1H (/cms/en/product/power/mosfet/silicon-
carbide/discretes/imt65r048m1h/)
IPT60R022S7 (/cms/en/product/power/mosfet/n-channel/500v-950v/ipt60r022s7/)
IPU95R3K7P7 (/cms/en/product/power/mosfet/n-channel/500v-950v/ipu95r3k7p7/)
XMC1402-Q040X0064 AA (/cms/en/product/microcontroller/32-bit-industrial-
microcontroller-based-on-arm-cortex-m/32-bit-xmc1000-industrial-microcontroller-arm-
cortex-m0/xmc1402-q040x0064-aa/)
AC-DC power conversion for telecom infrastructure (/cms/en/applications/information-
communication-technology/telecommunication-infrastructure/ac-dc/)
Battery chargers (/cms/en/applications/consumer-electronics/adapters-and-
chargers/battery-chargers/)
EV charging (/cms/en/applications/industrial/ev-charging/)
Server power supplies (/cms/en/applications/solutions/power-supplies/server-power-
supply/)
Switched mode power supplies (SMPS) (/cms/en/applications/solutions/power-
supplies/)
Follow



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com