Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXP/042AB2M00 Datasheet(PDF) 1 Page - Bulgin Limited. All rights reserved.

Part # PXP/042AB2M00
Description  6000 Series Buccaneer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP/042AB2M00 Datasheet(HTML) 1 Page - Bulgin Limited. All rights reserved.

  PXP/042AB2M00 Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP/042AB2M00 Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP/042AB2M00 Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP/042AB2M00 Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXP/042AB2M00 Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXP/042AB2M00 Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6000 Series Buccaneer
30° twist locking
Tamperproof lock prevents accidental un-mating
IP66, IP68 and IP69K when mated
Suitable for a wide range of dust and water borne environments
Independent sealing tests
IP Ratings independently verified
USB version 2.0 performance
Low and high speed bus connection, 1.5Mbs to 480Mbs
Plug and play capability
Hot pluggable, standard 4 pole interface
Shielded system
High noise immunity and EMI protection
Single and double ended cables
Suitable for PC and peripheral configuration
Push-pull latching system*
Secure, instant latching. Quick connector mating and release
Cat 5e compliant
Data rate up to 100MHz
PUR jacket on cable
Good chemical resistance, flame retardant
6000 Series Buccaneer – circular connectors that combine the
ease of use of a push/pull coupling mechanism with proven
environmental sealing. Available with metal or plastic bodies, the
range supports both data (USB and Ethernet), signal and mains
power. Designed and independently tested to IP66, IP68 & IP69K
standards, they are ideal for applications where ingress of dust and
water must be avoided and where ease of connection, space and
appearance are important considerations.
Cat 5e shielded coupler
Maintains shielding
Visual mating indication
Alignment indicator reduces risk of damage during mating
Earth lead version of panel adaptor on plastic connector
Continuous screening of panel mount connector
Metal connector grounded to cable screen
Continuous screening of panel mount connector
Sealed through panel Ethernet
Prevent water ingress into equipment
EN60068-2-52 Test Kb Salt Mist (Cyclic)
Marine Severity Level 1
Buccaneer for Data 93


Similar Part No. - PXP/042AB2M00

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PXP/6010/02/P/CR/0405 BULGIN-PXP/6010/02/P/CR/0405 Datasheet
2Mb / 7P
Robust, instant connections for harsh environments
V1.2
PXP/6010/02/P/CR/0507 BULGIN-PXP/6010/02/P/CR/0507 Datasheet
2Mb / 7P
Robust, instant connections for harsh environments
V1.2
PXP/6010/02/P/CR/0709 BULGIN-PXP/6010/02/P/CR/0709 Datasheet
2Mb / 7P
Robust, instant connections for harsh environments
V1.2
PXP/6010/02/P/CR/0910 BULGIN-PXP/6010/02/P/CR/0910 Datasheet
2Mb / 7P
Robust, instant connections for harsh environments
V1.2
PXP/6010/02/P/ST/0405 BULGIN-PXP/6010/02/P/ST/0405 Datasheet
2Mb / 7P
Robust, instant connections for harsh environments
V1.2
More results

Similar Description - PXP/042AB2M00

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0407 BULGIN-PX0407 Datasheet
65Kb / 1P
Buccaneer Antenna
PX0441 BULGIN-PX0441 Datasheet
300Kb / 5P
IP68 Sealed - Mini USB Buccaneer
logo
List of Unclassifed Man...
PX0413 ETC2-PX0413 Datasheet
95Kb / 2P
400 Series Buccaneer
SA3150 ETC2-SA3150 Datasheet
153Kb / 4P
Mini Buccaneer
PX0731 ETC2-PX0731 Datasheet
3Mb / 9P
BUCCANEER FOR POWER
PX0416 ETC2-PX0416 Datasheet
204Kb / 4P
SMB Buccaneer
PX0840A2M00 ETC2-PX0840A2M00 Datasheet
556Kb / 7P
USB Buccaneer
SA3350 ETC2-SA3350 Datasheet
1Mb / 6P
400 Series Buccaneer
4000SERIES ETC2-4000SERIES Datasheet
1Mb / 6P
4000 Series Buccaneer
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
2000-6000 MHz 2000-6000 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com