Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXP/042AB2M00 Datasheet(PDF) 6 Page - Bulgin Limited. All rights reserved.

Part # PXP/042AB2M00
Description  6000 Series Buccaneer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP/042AB2M00 Datasheet(HTML) 6 Page - Bulgin Limited. All rights reserved.

  PXP/042AB2M00 Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP/042AB2M00 Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP/042AB2M00 Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP/042AB2M00 Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXP/042AB2M00 Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXP/042AB2M00 Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
USB Thermo Plastic - Specifications
BUCCANEER FOR DATA
6000 Series Buccaneer
Cables & connectors
Mechanical
Sealing
Salt Mist
Operating temperature
Electrical
No. of poles
Current rating
Voltage rating
Contact resistance
Performance
Materials - Overmoulded
Overmould material
Flammability rating
Plastic
Metal
Flammability rating
‘O’ rings
Panel Gasket - round
Panel Gasket - flange
Materials - cable
Cable Jacket
Screen
Flammability
RoHS
IP69K, DIN40050-9
IP68, EN60529:1992+A2:2013
(10m depth for 2 weeks)
IP66, EN60529:1992+A2:2013
EN60068-2-52 Test Kb Salt Mist
(Cyclic) Marine Severity Level 1
0°C to +70°C
4
1A
30Vac (RMS)
30mΩ max.
USB version 2.0
PVC (black)
UL94V-0
PC/PBT
Machined Brass, Nickel Plated
UL94V-0
Silicone
Silicone
Silicone
PVC (black)
Tinned copper braid
UL94V-0
Compliant
PCB adaptor leads
Cable construction - PXP6040, PXP6041
Electrical
No. of conductors
Current rating
Voltage rating
Contact resistance
PCB pitch
Materials
Moulding
Flammability
Contact material
Contact plating
Wire insulation
Flammability
Conductors
Operating temperature
Mating cycles
RoHS
4
1A
30Vac (RMS)
<10mΩ max.
2.54mm
Polycarbonate
UL94V-0
Copper Alloy
30 micro inch Gold
PVC (black)
UL94-V0
4 x 28AWG
0°C to +70°C
1,000
Compliant
Materials - Re-wireable and Panel Connectors
PVC Jacket
Braid
Drain Wire
Insulation - Polyofein
Insulation
SR-PVC
Insulation
HD - PE
Conductor
2M - 24AWG
3M - 22AWG
5M - 20AWG
Conductor
2M - 28AWG
3M - 28AWG
5M - 25AWG
Length:
2m
3m
5m
Dia
4.8mm
5.0mm
5.2mm
Conductors
Signal
2 x 28AWG
2 x 28AWG
2 x 28AWG
Conductors
Power
2 x 24AWG
2 x 22AWG
2 x 20AWG
98 Buccaneer for Data



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com