Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXP/042AB2M00 Datasheet(PDF) 4 Page - Bulgin Limited. All rights reserved.

Part # PXP/042AB2M00
Description  6000 Series Buccaneer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP/042AB2M00 Datasheet(HTML) 4 Page - Bulgin Limited. All rights reserved.

  PXP/042AB2M00 Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP/042AB2M00 Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP/042AB2M00 Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP/042AB2M00 Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXP/042AB2M00 Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXP/042AB2M00 Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Accessories
BUCCANEER FOR DATA
6000 Series Buccaneer
PCB Adaptor Leads
Sealing Caps
Standard A and B type USB
connectors to 5 way crimp
adaptor leads
5 way headers, 2.54mm
pitch, horizontal or vertical
mounting
Sealing caps to maintain IP
rating when connectors are not
in use
PXP6081 for cable
connectors PXP6040 &
PXP6041
PXP6083 for front panel mount
connectors PXP6042 &
PXP6043, with 30° twist lock
14193
14194
14191
14192
USB ‘A’ type to 5 way crimp connector
USB ‘B’ type to 5 way crimp connector
5 way PCB header straight
5 way PCB header right angle
Part No.
Description
PXP6081
PXP6083
Sealing Cap for Flex cable connectors (PXP6040, PXP6041)
Sealing Cap for front panel mounting connector (PXP6042, PXP6043)
Part No.
Description
96 Buccaneer for Data



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com