Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV721 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMV721
Description  10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV721 Datasheet(HTML) 4 Page - Texas Instruments

  LMV721 Datasheet HTML 1Page - Texas Instruments LMV721 Datasheet HTML 2Page - Texas Instruments LMV721 Datasheet HTML 3Page - Texas Instruments LMV721 Datasheet HTML 4Page - Texas Instruments LMV721 Datasheet HTML 5Page - Texas Instruments LMV721 Datasheet HTML 6Page - Texas Instruments LMV721 Datasheet HTML 7Page - Texas Instruments LMV721 Datasheet HTML 8Page - Texas Instruments LMV721 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
Electrical Characteristics
LMV721
,, LMV722
10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS470A – JUNE 2005 – REVISED AUGUST 2006
V
CC+ = 5 V, VCC– = GND, VICR = VCC+/2, VO = VCC+/2, and RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP
MAX
UNIT
25
°C
–0.08
3
VIO
Input offset voltage
mV
–40
°C to 85°C
3.5
TCVIO
Input offset voltage average drift
25
°C
0.6
µV/°C
IIB
Input bias current
25
°C
260
nA
IIO
Input offset current
25
°C
25
nA
25
°C
80
89
CMMR
Common-mode rejection ratio
VICR = 0 V to 1.3 V
dB
–40
°C to 85°C
75
25
°C
70
90
VCC+ = 2.2 V to 5 V,
PSRR
Power-supply rejection ratio
dB
VO = 0, VICR = 0
–40
°C to 85°C
64
CMRR
≥ 50 dB
–0.3
VICR
Input common-mode voltage
25
°C
V
4.1
25
°C
80
87
RL = 600 Ω,
VO = 0.75 V to 4.8 V
–40
°C to 85°C
70
AVD
Large-signal voltage gain
dB
25
°C
80
94
RL = 2 kΩ,
VO = 0.7 V to 4.9V
–40
°C to 85°C
70
25
°C
4.84
4.882
RL = 600 Ω to VCC+/2
–40
°C to 85°C
4.815
25
°C
0.134
0.19
–40
°C to 85°C
0.215
VO
Output swing
V
25
°C
4.93
4.952
RL = 2 kΩ to VCC+/2
–40
°C to 85°C
4.905
25
°C
0.076
0.11
–40
°C to 85°C
0.135
25
°C
20
52.6
Sourcing, VO = 0 V,
VIN(diff) = ±0.5 V
–40
°C to 85°C
12
IO
Output current
mA
25
°C
15
23.7
Sinking, VO = 2.2 V,
VIN(diff) = ±0.5 V
–40
°C to 85°C
8.5
25
°C
1.03
1.4
LMV721
–40
°C to 85°C
1.7
ICC
Supply current
mA
25
°C
2.01
2.4
LMV722
–40
°C to 85°C
2.8
SR
Slew rate(1)
25
°C
5.25
V/
µs
GBW
Gain bandwidth product
25
°C
10
MHz
Φ
m
Phase margin
25
°C
72
°
Gm
Gain margin
25
°C
–11
dB
Vn
Input-referred voltage noise
f = 1 kHz
25
°C
8.5
nV/
√Hz
In
Input-referred current noise
f = 1 kHz
25
°C
0.2
pA/
√Hz
f = 1 kHz, AV = 1,
THD
Total harmonic distortion
25
°C
0.001
%
RL = 600 Ω, VO = 500 mVpp
(1)
Connected as voltage follower with 1-V step input. Number specified is the slower of the positive and negative slew rate.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com