Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV721 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMV721
Description  10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV721 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV721 Datasheet HTML 5Page - Texas Instruments LMV721 Datasheet HTML 6Page - Texas Instruments LMV721 Datasheet HTML 7Page - Texas Instruments LMV721 Datasheet HTML 8Page - Texas Instruments LMV721 Datasheet HTML 9Page - Texas Instruments LMV721 Datasheet HTML 10Page - Texas Instruments LMV721 Datasheet HTML 11Page - Texas Instruments LMV721 Datasheet HTML 12Page - Texas Instruments LMV721 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.ti.com
0.0001
0.001
0.01
0.1
1
100
1000
10000
100000
f – Frequency – Hz
VCC = 2.2 V
100
1k
10k
100k
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
2
2.5
3
3.5
4
4.5
5
VCC – Supply Voltage – V
Rising
Falling
RL = 2 k©, CL = 21.2 nF, RO = 0 ©
2 µs per Division
V
= 5 V, R = 2 k , C = 21.2 nF, R = 0
CC
L
L
O
Ω
Ω
RL = 2 k©, CL = 21.2 nF, RO = 2.1 ©
2 µs per Division
V
= 5 V, R = 2 k , C = 21.2 nF, R = 2.1
CC
L
L
O
Ω
Ω
LMV721
,, LMV722
10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS470A – JUNE 2005 – REVISED AUGUST 2006
TYPICAL CHARACTERISTICS (continued)
SLEW RATE
THD
vs
vs
SUPPLY VOLTAGE
FREQUENCY
PULSE RESPONSE
PULSE RESPONSE
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com