Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV721 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV721
Description  10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV721 Datasheet(HTML) 2 Page - Texas Instruments

  LMV721 Datasheet HTML 1Page - Texas Instruments LMV721 Datasheet HTML 2Page - Texas Instruments LMV721 Datasheet HTML 3Page - Texas Instruments LMV721 Datasheet HTML 4Page - Texas Instruments LMV721 Datasheet HTML 5Page - Texas Instruments LMV721 Datasheet HTML 6Page - Texas Instruments LMV721 Datasheet HTML 7Page - Texas Instruments LMV721 Datasheet HTML 8Page - Texas Instruments LMV721 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.ti.com
Typical Application
R1
+
VCC
−
C2
Output
R2
VCC
Input
Electret
Microphone
C1
R3
R5
R4
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
ESD Protection
LMV721
,, LMV722
10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS470A – JUNE 2005 – REVISED AUGUST 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC+ – VCC–
Supply voltage(2)
5.5
V
VID
Differential input voltage(3)
±Supply voltage
V
D package(5)
97
DBV package(5)
206
θ
JA
Package thermal impedance(4)
DCK package(5)
252
°C/W
DGK package(5)
172
DRG package(6)
50.7
TJ
Operating virtual-junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND.
(3)
Differential voltages are at IN+ with respect to IN–.
(4)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(5)
The package thermal impedance is calculated in accordance with JESD 51-7.
(6)
The package thermal impedance is calculated in accordance with JESD 51-5.
MIN
MAX
UNIT
VCC+ – VCC–
Supply voltage
2.2
5
V
TJ
Operating virtual-junction temperature
–40
85
°C
TYP
UNIT
Human-Body Model
2000
V
Machine Model
100
V
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com