Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC857 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BC857
Description  SMALL SIGNAL PNP TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BC857 Datasheet(HTML) 1 Page - STMicroelectronics

  BC857 Datasheet HTML 1Page - STMicroelectronics BC857 Datasheet HTML 2Page - STMicroelectronics BC857 Datasheet HTML 3Page - STMicroelectronics BC857 Datasheet HTML 4Page - STMicroelectronics BC857 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BC857
BC858
SMALL SIGNAL PNP TRANSISTORS
s
SILICON EPITAXIAL PLANAR PNP
TRANSISTORS
s
MINIATURE PLASTIC PACKAGE FOR
APPLICATION IN SURFACE MOUNTING
CIRCUITS
s
VERY LOW NOISE AF AMPLIFIER
s
NPN COMPLEMENTS FOR BC857 IS BC847
INTERNAL SCHEMATIC DIAGRAM
October 1997
1
2
3
SOT-23
Type
Marking
BC857A
3E
BC857B
3F
BC858A
3J
BC858B
3K
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
BC857
BC858
VCES
Collector-Emit ter Voltage (VBE =0)
-50
-30
V
VCBO
Collector-Base Voltage (IE =0)
-50
-30
V
VCEO
Collector-Emit ter Voltage (IB =0)
-45
-30
V
VEBO
Emitter-Base Voltage (IC =0)
-5
V
IC
Collector Current
-0. 1
A
ICM
Collector Peak Current
-0. 2
A
IBM
Base Peak Current
-0. 2
A
IEM
Emitter Peak Current
-0. 2
A
Ptot
Tot al Dissipation at Tc =25
oC
300
mW
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. O perat ing Junction Temperature
150
oC
1/5


Similar Part No. - BC857

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC857 PHILIPS-BC857 Datasheet
47Kb / 8P
PNP general purpose transistors
1999 Apr 12
logo
Fairchild Semiconductor
BC857 FAIRCHILD-BC857 Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
General Semiconductor
BC857 GE-BC857 Datasheet
231Kb / 6P
Small Signal Transistors (PNP)
logo
KEC(Korea Electronics)
BC857 KEC-BC857 Datasheet
247Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
AUK corp
BC857 AUK-BC857 Datasheet
92Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
More results

Similar Description - BC857

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
Small Signal Transistors (PNP)
BC556 GE-BC556 Datasheet
253Kb / 6P
Small Signal Transistors (PNP)
MMBT3906 GE-MMBT3906 Datasheet
136Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
logo
Vishay Siliconix
BCW61 VISHAY-BCW61 Datasheet
40Kb / 3P
Small Signal Transistors (PNP)
09-May-02
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
PNP Small Signal Transistors
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
PNP Small Signal Transistors
MMST2907A MCC-MMST2907A_11 Datasheet
193Kb / 2P
PNP Small Signal Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com