Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC857 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BC857
Description  SMALL SIGNAL PNP TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BC857 Datasheet(HTML) 3 Page - STMicroelectronics

  BC857 Datasheet HTML 1Page - STMicroelectronics BC857 Datasheet HTML 2Page - STMicroelectronics BC857 Datasheet HTML 3Page - STMicroelectronics BC857 Datasheet HTML 4Page - STMicroelectronics BC857 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
hie
Input Impedance
VCE =-5 V
IC =-2 mA
f = 1KHz
for grou p A
for grou p B
1. 6
3. 2
2.7
4.5
4.5
8.5
K
Ω
K
Ω
hre
Reverse Voltage Ratio
VCE =-5 V
IC =-2 mA
f = 1KHz
for grou p A
for grou p B
1.5
2
10
-4
10
-4
hfe
Small Signal Current
Gain
VCE =-5 V
IC =-2 mA
f = 1KHz
for grou p A
for grou p B
220
330
hoe
Output Admittance
VCE =-5 V
IC =-2 mA
f = 1KHz
for grou p A
for grou p B
18
30
30
60
µs
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2%
BC857/BC858
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com