Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC857 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BC857
Description  SMALL SIGNAL PNP TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BC857 Datasheet(HTML) 2 Page - STMicroelectronics

  BC857 Datasheet HTML 1Page - STMicroelectronics BC857 Datasheet HTML 2Page - STMicroelectronics BC857 Datasheet HTML 3Page - STMicroelectronics BC857 Datasheet HTML 4Page - STMicroelectronics BC857 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
Rthj-amb
•
Rth j-SR
•
Thermal Resistance Junction-Ambient
Max
Thermal Resistance Junction-Substrat e
Max
420
330
oC/W
oC/W
• Mounted on a ceramic substrate area = 10 x 8 x 0.6 mm
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICBO
Collect or Cut-off
Current (IE =0)
VCE =-30 V
VCE =-30 V
Tamb =150
oC
-15
-5
nA
µA
V(BR)CES
∗ Collector-Emitter
Breakdown Volt age
(VBE =0)
IC =-10
µA
for BC857
for BC858
-50
-30
V
V
V( BR)CBO
∗ Collector-Base
Breakdown Volt age
(IE =0)
IC =-10
µA
for BC857
for BC858
-50
-30
V
V
V(BR)CEO
∗ Collector-Emitter
Breakdown Volt age
(IB =0)
IC =-2 mA
for BC857
for BC858
-45
-30
V
V
V(BR)EBO
Emitt er-Base
Breakdown Volt age
(IC =0)
IC =-10
µA
for BC857
for BC858
-6
-5
V
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =-10 mA
IB = -0.5 mA
IC =-100 mA
IB =-5 mA
-0.09
-0.25
-0.3
-0.65
V
V
VBE(s at)
∗ Base-Emitter
Saturat ion Voltage
IC =-10 mA
IB = -0.5 mA
IC =-100 mA
IB =-5 mA
-0.75
-0. 9
V
V
VBE(on)
∗ Base-Emitter On
Voltage
IC =-2 mA
VCE =-5 V
IC =-10 mA
VCE =-5 V
-0.6
-0.66
-0.72
-0.75
-0.82
V
V
hFE
DC Current G ain
IC =-10
µAVCE =-5 V
for grou p A
for grou p B
IC =-2 mA
VCE =-5 V
for grou p A
for grou p B
110
200
90
150
180
290
220
450
fT
Transit ion F requency
IC =-10 mA VCE = -5 V f = 100MHz
150
MHz
CCB
Collect or Base
Capacitance
IE =0
VCB = -10 V
f = 1 MHz
6
pF
NF
Noise Figure
VCE =-5 V
IC =-0.2 mA
f =1KHz
∆f = 200 Hz RG =2 KΩ
2
1.2
10
4
dB
dB
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2%
BC857/BC858
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com