Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

368LP4E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 368LP4E
Description  SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9.0 - 16.0 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

368LP4E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  368LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 368LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 368LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 368LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 368LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 368LP4E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6
6 - 34
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC368LP4 / 368LP4E
SMT GaAs PHEMT MMIC
AMP-DOUBLER-AMP, 9.0 - 16.0 GHz OUTPUT
v03.0705
General Description
Features
Functional Diagram
Output Power: +15 dBm
Wide Input Power Range: 0 to +10 dBm
100 kHz SSB Phase Noise: -140 dBc/Hz
+5V @ 75 mA Supply
16 mm2 Leadless QFN SMT Package
Electrical Specifications, T
A = +25° C, Vd1 = Vd2 = +5.0 Vdc, +2 dBm Drive Level
Typical Applications
• Microwave Radios & VSAT
• Fiber Optic Infrastructure
• Military Communications & Radar
The HMC368LP4 & HMC368LP4E are miniature amp-
doubler-amps utilizing GaAs PHEMT technology in 4
mm x 4 mm leadless surface mount packages. When
driven by a +2 dBm signal, the multiplier provides
+15 dBm typical output power from 9 to 16 GHz. The
Fo and the 3Fo isolations are 18 dB typical. The low
additive SSB phase noise of -140 dBc/Hz at 100 kHz
offset helps the user maintain good system noise
performance. The HMC368LP4 & HMC368LP4E are
ideal for use in LO multiplier chains allowing reduced
parts count vs. traditional approaches.
Parameter
Min.
Typ.
Max.
Units
Frequency Range, Input
4.5 - 8.0
GHz
Frequency Range, Output
9.0 - 16.0
GHz
Output Power
12
15
dBm
Fo Isolation (with respect to output level)
18
dB
3Fo Isolation (with respect to output level)
18
dB
Input Return Loss
10
dB
Output Return Loss
10
dB
SSB Phase Noise (Fout = 13 GHz, 100 kHz Offset)
Pin = +2 dBm
-140
dBc/Hz
Supply Current (Idd)*
75
mA
*Adjust Vg1, Vg2 between -2V to 0V to achieve Idd = 75 mA typical


Similar Part No. - 368LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
368LP4E HITTITE-368LP4E Datasheet
269Kb / 6P
SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9 - 16 GHz OUTPUT
More results

Similar Description - 368LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC368LP4 HITTITE-HMC368LP4 Datasheet
311Kb / 6P
SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9.0 - 16.0 GHz OUTPUT
HMC157C8 HITTITE-HMC157C8 Datasheet
69Kb / 4P
GaAs MMIC SMT FREQUENCY DOUBLER 1 - 2 GHz INPUT
logo
Mimix Broadband
20DBL0451 MIMIX-20DBL0451 Datasheet
311Kb / 6P
8.0-12.0/16.0-24.0 GHz GaAs MMIC Active Doubler
logo
Hittite Microwave Corpo...
HMC486 HITTITE-HMC486 Datasheet
365Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7.0 - 9.0 GHz
logo
Mimix Broadband
CMM-9 MIMIX-CMM-9 Datasheet
462Kb / 4P
2.0-9.0 GHz GaAs MMIC Amplifier
XX1005-BD MIMIX-XX1005-BD Datasheet
218Kb / 6P
8.0-12.0/16.0-24.0 GHz GaAs MMIC Active Doubler
XP1042-BD MIMIX-XP1042-BD Datasheet
393Kb / 1P
12.0-16.0 GHz GaAs MMIC
logo
Hittite Microwave Corpo...
HMC368LP4 HITTITE-HMC368LP4_08 Datasheet
269Kb / 6P
SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9 - 16 GHz OUTPUT
logo
M/A-COM Technology Solu...
XP1042-BD MA-COM-XP1042-BD Datasheet
345Kb / 1P
12.0-16.0 GHz GaAs MMIC
logo
Analog Devices
HMC368LP4 AD-HMC368LP4 Datasheet
379Kb / 6P
SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9 - 16 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com