Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD239C Datasheet(PDF) 1 Page - STMicroelectronics

Part # BD239C
Description  NPN SILICON POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD239C Datasheet(HTML) 1 Page - STMicroelectronics

  BD239C Datasheet HTML 1Page - STMicroelectronics BD239C Datasheet HTML 2Page - STMicroelectronics BD239C Datasheet HTML 3Page - STMicroelectronics BD239C Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BD239C
NPN SILICON POWER TRANSISTOR
s
STMicroelectronics PREFERRED
SALESTYPE
DESCRIPTION
The BD239C is a silicon epitaxial-base NPN
transistor in Jedec TO-220 plastic package.
It is inteded for use in medium power linear and
switching applications.
®
INTERNAL SCHEMATIC DIAGRAM
April 1999
1
2
3
TO-220
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
VCER
Collector-Emit ter Volt age (RBE =100
Ω)
115
V
VCEO
Collector-Emit ter Volt age (IB =0)
100
V
VEBO
Emitt er-Base Voltage (IC =0)
5
V
IC
Collector Current
2
A
ICM
Collector Peak Current
4
A
IB
Base Current
0.6
A
Ptot
Tot al Dissipation at Tc
≤ 25 oC
30
W
Ptot
Tot al Dissipation at Tamb
≤ 25 oC
2W
Tstg
St orage Temperature
-65 t o 150
oC
Tj
Max. Operat ing Junction Temperat ure
150
oC
1/4


Similar Part No. - BD239C

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD239C POINN-BD239C Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
BD239C FAIRCHILD-BD239C Datasheet
27Kb / 3P
Medium Power Linear and Switching Applications
logo
Bourns Electronic Solut...
BD239C BOURNS-BD239C Datasheet
106Kb / 5P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
BD239C STMICROELECTRONICS-BD239C Datasheet
256Kb / 9P
NPN power transistor
02-Jul-2007
logo
Savantic, Inc.
BD239C SAVANTIC-BD239C Datasheet
90Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BD239C

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com