Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDMAG Datasheet(PDF) 6 Page - nVent Electric plc

Part # LEDMAG
Description  Electrical Accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

LEDMAG Datasheet(HTML) 6 Page - nVent Electric plc

  LEDMAG Datasheet HTML 1Page - nVent Electric plc LEDMAG Datasheet HTML 2Page - nVent Electric plc LEDMAG Datasheet HTML 3Page - nVent Electric plc LEDMAG Datasheet HTML 4Page - nVent Electric plc LEDMAG Datasheet HTML 5Page - nVent Electric plc LEDMAG Datasheet HTML 6Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ElEctrical accEssoriEs Lighting Packages
PH 763.422.2211
nVent.com/HOFFMAN
accEssoriEs
6
Spec-01447 C
Mounting accEssoriEs For El lED EnclosurE
lights
FEaturEs
•
Alternative mounting of LED enclosure lights
•
Magnets for magnetic mounting or screws for fastener mounting
Catalog Number
Mounting Type
Quantity
ELA02MF
Mangnet
2
ELA02SF
Screw
2
hEavY DutY MagnEtic Mounting kit For El lED
lights
application
Heavy Duty Magnetic Mounting Kit can be used to attach any device
or component to flat steel surface. Each kit comes with 2 magnets
with 55 lbs. minimum holding force on each side. Furnished with
two #10-32 nylon thumb nuts and two flat washers to mount to any
mounting brackets.
FEaturEs
•
Neodymium magnet with strong holding force
•
Purchase screw mounting brackets separately
•
Two magnets, 2 nylon thumb nuts, and 2 flat washers are included
Catalog Number
Diameter
in./mm
Thread
Thread Length
in./mm
LEDMAG
1.26
32
10-32
0.38
9.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com