Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDMAG Datasheet(PDF) 4 Page - nVent Electric plc

Part # LEDMAG
Description  Electrical Accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

LEDMAG Datasheet(HTML) 4 Page - nVent Electric plc

  LEDMAG Datasheet HTML 1Page - nVent Electric plc LEDMAG Datasheet HTML 2Page - nVent Electric plc LEDMAG Datasheet HTML 3Page - nVent Electric plc LEDMAG Datasheet HTML 4Page - nVent Electric plc LEDMAG Datasheet HTML 5Page - nVent Electric plc LEDMAG Datasheet HTML 6Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ElEctrical accEssoriEs Lighting Packages
PH 763.422.2211
nVent.com/HOFFMAN
accEssoriEs
4
Spec-01447 C
cablE, Door switch For El lED EnclosurE lights FEaturEs
Pre-fabricated cables for LED enclosure lights
Cables provide time saving, easy mounting of the EL LED
Enclosure Lights
Catalog Number Description
Length (ft.) Length (m) Connection
Color Quantity
ELC3001DU
Doorswitch
cable,3.0m,UL
9.84
3.0
TPS-cablefordoorswitch,
ULversion
Black 1
connEctors For El lED EnclosurE lights
application
The Connectors for EL LED Enclosure Light provide a flexible
solution for customers to connect the enclosure light using their
own cables, which can be cut to size. These connectors can be
used to connect the enclosure light to a power source or to another
enclosure light.
FEaturEs
With screw connection strain relief
Terminals are self-locking and need to be unlocked by tool
1 input connector and 1 output connector are included
Catalog Number
Description
Height
in./mm
Width
in./mm
Depth
in./mm
Cable
Diameter
Range
in./mm
Rated
Current (A)
Rated
Voltage (V)
Material
Color
Quantity
ELCN1
ConnectorsforEL
LEDEnclosureLight,
AC,inputandoutput
2.09
53
0.90
23
0.55
14
.22-.35
5.5-9.0
16
250
Polyamide
Black
2
ELCN124V
ConnectorsforEL
LEDEnclosureLight,
DC,inputandoutput
2.09
53
0.90
23
0.55
14
.24-.30
6.0-7.7
16
50
Polyamide
LightBlue
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com