Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDMAG Datasheet(PDF) 1 Page - nVent Electric plc

Part # LEDMAG
Description  Electrical Accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

LEDMAG Datasheet(HTML) 1 Page - nVent Electric plc

  LEDMAG Datasheet HTML 1Page - nVent Electric plc LEDMAG Datasheet HTML 2Page - nVent Electric plc LEDMAG Datasheet HTML 3Page - nVent Electric plc LEDMAG Datasheet HTML 4Page - nVent Electric plc LEDMAG Datasheet HTML 5Page - nVent Electric plc LEDMAG Datasheet HTML 6Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ElEctrical accEssoriEs Lighting Packages
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
accEssoriEs
1
Spec-01447 C
El lED EnclosurE lights ovErviEw
The EL LED Enclosure Lights have integrated a quick-install feature
which can be fitted anywhere in the 25 mm hole pattern of the nVent
HOFFMAN enclosure profiles. The lights are easy to install which
reduces assembly time and may be fastened to the enclosure with
screws or magnets.
All connections to the LED lights are designed to make connecting
fast and easy. The infeed, through wiring, and door switch
connections are a plug-and-play system.
There are many different versions available. The version with an
integrated motion detector eliminates the need for installing an
external door switch. Versions with integrated sockets allow for
connecting additional devices whenever needed for maintenance.
The LED lights can be used in all nVent HOFFMAN enclosures and
are available for operating voltages of 110-115VAC, 50/60Hz and 24
VDC with several different lumens.
El lED EnclosurE light with sockEt anD Motion sEnsor
inDustrY stanDarDs
UL 1598 Listed; File No. E514459
cUL Listed per CSA C22.2 NO. 250.0-18; File No. E514459
IP20
FEaturEs
With integrated socket and motion detector
Fast and tool-free assembly designed with a latching hook
system to fit the 25 mm (.98) hole pattern on nVent HOFFMAN
enclosures
The Light may be installed horizontally or vertically
Mounting accessories are required and must purchase separately
when the light is not installed in the 25 mm (.98) hole pattern
Purchase infeed cable or connectors separately to supply power
to the light
Catalog Number
Height
in./mm
Width
in./mm
Depth
in./mm
Socket
Type
Lamp
Type Luminosity (lm)
Light
Color
Temp. (K) Light Color Power (W) Voltage (VAC) Hertz (Hz) Connection
Operating
Temp. (°F)
Operating
Temp. (°C)
Sensor
On Time (s)
EL1200MS-US 2.99
76
14.33
364
1.89
48
SocketB LED
1200
4000
Neutral
White
12
100-125
50/60
3-PoleInfeed
andThrough
Wiring
-4to131
-20to+55
180


Similar Part No. - LEDMAG

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
LEDM-3-17 RICHCO-LEDM-3-17 Datasheet
108Kb / 1P
LED MOUNTS
logo
Timeguard
LEDMR10WH TIMEGUARD-LEDMR10WH Datasheet
624Kb / 3P
7W – 700lm LED Energy Saver Bulkhead Light
14/02/2025
LEDMR10WH3K TIMEGUARD-LEDMR10WH3K Datasheet
293Kb / 2P
10W Slimline LED Energy Saver IP44 Round Wall/Ceiling Light – White
14/02/2025
LEDMR10WHMS TIMEGUARD-LEDMR10WHMS Datasheet
319Kb / 3P
Microwave Presence Detection Version – White
14/02/2025
LEDMR10WHMS3K TIMEGUARD-LEDMR10WHMS3K Datasheet
319Kb / 3P
Microwave Presence Detection Version – White
14/02/2025
More results

Similar Description - LEDMAG

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
Accessories
KA2S2 ETC2-KA2S2 Datasheet
149Kb / 1P
Electrical accessories
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
Accessories
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
Accessories
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
Accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com