Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA8418EYFPR Datasheet(PDF) 22 Page - Texas Instruments

Part # TCA8418EYFPR
Description  TCA8418E I2C Controlled Keypad Scan IC With Integrated ESD Protection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA8418EYFPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TCA8418EYFPR Datasheet HTML 18Page - Texas Instruments TCA8418EYFPR Datasheet HTML 19Page - Texas Instruments TCA8418EYFPR Datasheet HTML 20Page - Texas Instruments TCA8418EYFPR Datasheet HTML 21Page - Texas Instruments TCA8418EYFPR Datasheet HTML 22Page - Texas Instruments TCA8418EYFPR Datasheet HTML 23Page - Texas Instruments TCA8418EYFPR Datasheet HTML 24Page - Texas Instruments TCA8418EYFPR Datasheet HTML 25Page - Texas Instruments TCA8418EYFPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
SCL
SDA
MSB
Bit
Bit
Bit
Bit
Bit
Bit
LSB
Byte: 1010 1010 ( 0xAAh )
1
0
1
0
1
0
1
0
SDA line stable while SCL line is high
ACK
ACK
SCL
SDA
STAR T
Condition
STOP
Condition
Data Transfer
TCA8418E
SCPS222C – MAY 2010 – REVISED OCTOBER 2015
www.ti.com
Programming (continued)
–
Master-receiver terminates the transfer with a STOP condition.
Figure 22. Definition of Start and Stop Conditions
Figure 23. Bit Transfer
8.5.2 Bus Transactions
Data must be sent to and received from the slave devices, and this is accomplished by reading from or writing to
registers in the slave device.
Registers are locations in the memory of the slave which contain information, whether it be the configuration
information or some sampled data to send back to the master. The master must write information to these
registers in order to instruct the slave device to perform a task.
While it is common to have registers in I2C slaves, note that not all slave devices will have registers. Some
devices are simple and contain only 1 register, which may be written to directly by sending the register data
immediately after the slave address, instead of addressing a register. An example of a single-register device
would be an 8-bit I2C switch, which is controlled via I2C commands. Since it has 1 bit to enable or disable a
channel, there is only 1 register needed, and the master merely writes the register data after the slave address,
skipping the register number.
22
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TCA8418E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com