Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA8418EYFPR Datasheet(PDF) 29 Page - Texas Instruments

Part # TCA8418EYFPR
Description  TCA8418E I2C Controlled Keypad Scan IC With Integrated ESD Protection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA8418EYFPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TCA8418EYFPR Datasheet HTML 25Page - Texas Instruments TCA8418EYFPR Datasheet HTML 26Page - Texas Instruments TCA8418EYFPR Datasheet HTML 27Page - Texas Instruments TCA8418EYFPR Datasheet HTML 28Page - Texas Instruments TCA8418EYFPR Datasheet HTML 29Page - Texas Instruments TCA8418EYFPR Datasheet HTML 30Page - Texas Instruments TCA8418EYFPR Datasheet HTML 31Page - Texas Instruments TCA8418EYFPR Datasheet HTML 32Page - Texas Instruments TCA8418EYFPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
TCA8418E
www.ti.com
SCPS222C – MAY 2010 – REVISED OCTOBER 2015
8.6.2.1 Configuration Register (Address 0x01)
Table 10. Configuration Register Field Descriptions
BIT
NAME
DESCRIPTION
Auto-increment for read and write operations; See below table for more information
7
AI
0 = disabled
1 = enabled
GPI event mode configuration
6
GPI_E_CFG
0 = GPI events are tracked when keypad is locked
1 = GPI events are not tracked when keypad is locked
Overflow mode
5
OVR_FLOW_M
0 = disabled; Overflow data is lost
1 = enabled; Overflow data shifts with last event pushing first event out
Interrupt configuration
0 = processor interrupt remains asserted (or low) if host tries to clear interrupt while there is
4
INT_CFG
still a pending key press, key release or GPI interrupt
1 = processor interrupt is deasserted for 50
μs and reassert with pending interrupts
Overflow interrupt enable
3
OVR_FLOW_IEN
0 = disabled; INT is not asserted if the FIFO overflows
1 = enabled; INT becomes asserted if the FIFO overflows
Keypad lock interrupt enable
2
K_LCK_IEN
0 = disabled; INT is not asserted after a correct unlock key sequence
1 = enabled; INT becomes asserted after a correct unlock key sequence
GPI interrupt enable to host processor
1
GPI_IEN
0 = disabled; INT is not asserted for a change on a GPI
1 = enabled; INT becomes asserted for a change on a GPI
Key events interrupt enable to host processor
0
KE_IEN
0 = disabled; INT is not asserted when a key event occurs
1 = enabled; INT becomes asserted when a key event occurs
Bit 7 in this register is used to determine the programming mode. If it is low, all data bytes are written to the
register defined by the command byte. If bit 7 is high, the value of the command byte is automatically
incremented after each byte is written, and the next data byte is stored in the corresponding register. Registers
are written in the sequence shown in Table 9. Once the GPIO_PULL3 register (0x2E) is written to, the command
byte returns to register 0. Registers 0 and 2F are reserved and a command byte that references these registers
is not acknowledged by the TCA8418E.
The keypad lock interrupt enable determines if the interrupt pin is asserted when the key lock interrupt (see
Interrupt Status Register) bit is set.
8.6.2.2 Interrupt Status Register, INT_STAT (Address 0x02)
Table 11. Interrupt Status Register Field Descriptions
BIT
NAME
DESCRIPTION
7
N/A
Always 0
6
N/A
Always 0
5
N/A
Always 0
CTRL-ALT-DEL key sequence status. Requires writing a 1 to clear interrupts.
4
CAD_INT
0 = interrupt not detected
1 = interrupt detected
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: TCA8418E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com