Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA8418EYFPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TCA8418EYFPR
Description  TCA8418E I2C Controlled Keypad Scan IC With Integrated ESD Protection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA8418EYFPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TCA8418EYFPR Datasheet HTML 3Page - Texas Instruments TCA8418EYFPR Datasheet HTML 4Page - Texas Instruments TCA8418EYFPR Datasheet HTML 5Page - Texas Instruments TCA8418EYFPR Datasheet HTML 6Page - Texas Instruments TCA8418EYFPR Datasheet HTML 7Page - Texas Instruments TCA8418EYFPR Datasheet HTML 8Page - Texas Instruments TCA8418EYFPR Datasheet HTML 9Page - Texas Instruments TCA8418EYFPR Datasheet HTML 10Page - Texas Instruments TCA8418EYFPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
TCA8418E
www.ti.com
SCPS222C – MAY 2010 – REVISED OCTOBER 2015
6.7 Reset Timing Requirements for Standard Mode, Fast Mode, Fast Mode Plus (FM+) I
2C Bus
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 19)
MIN
MAX
UNIT
tW
Reset pulse duration
120(1)
μs
tREC
Reset recovery time
120(1)
μs
tRESET
Time to reset
120(1)
μs
(1)
The GPIO debounce circuit uses each GPIO input which passes through a two-stage register circuit. Both registers are clocked by the
same clock signal, presumably free-running, with a nominal period of 50
μs. When an input changes state, the new state is clocked into
the first stage on one clock transition. On the next same-direction transition, if the input state is still the same as the previously clocked
state, the signal is clocked into the second stage, and then on to the remaining circuits. Since the inputs are asynchronous to the clock,
it will take anywhere from zero to 50
μs after the input transition to clock the signal into the first stage. Therefore, the total debounce
time may be as long as 100
μs. Finally, to account for a slow clock, the spec further guard-banded at 120 μs.
6.8 Switching Characteristics for Standard Mode, Fast Mode, Fast Mode Plus (FM+) I
2C Bus
PARAMETER
FROM
TO
MIN
MAX
UNIT
Key event or Key
20
60
unlock or Overflow
GPI_INT with
INT
40
120
ROW0–7,
Debounce_DIS_Low
tIV
Interrupt valid time
μs
COL0–9
GPI_INT with
10
30
Debounce_DIS_High
CAD_INT
INT, CAD_INT
20
60
SCL
INT
tIR
Interrupt reset delay time
200
ns
SCL
CAD_INT
ROW0–7,
tPV
Output data valid
SCL
400
ns
COL0–9
tPS
Input data setup time
P port
SCL
0
ns
tPH
Input data hold time
P port
SCL
300
ns
6.9 Keypad Switching Characteristics for Standard Mode, Fast Mode, Fast Mode Plus (FM+) I
2C
Bus
PARAMETER
MIN
MAX
UNIT
Key press to detection delay
25
μs
Key release to detection delay
25
μs
Keypad unlock timer
7
s
Keypad interrupt mask timer
31
s
Debounce
60
ms
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TCA8418E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com