Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1098 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 1098
Description  Simple RF L4 Receiver - 315MHz Latching Selector Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1098 Datasheet(HTML) 1 Page - Adafruit Industries

  1098 Datasheet HTML 1Page - Adafruit Industries 1098 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Simple RF L4 Receiver - 315MHz Latching
Selector Type
PRODUCT ID: 1098
Description
These Simple RF receivers are the easiest way possible to add wireless control, painlessly! There's no
programming, configuring or addressing - simply power the receiver with 5-10VDC and press the buttons
on our matching RF keyfob remote. When the A button is pressed, it activates the first pin, when the B
button is pressed, it activates the second one, and so forth for all four buttons. There's no microcontroller
required, its just a simple one-to-one link.
These modules make it easy to control your project once its in an enclosure or from across the room, but
there are some things to watch out for. One is that they do not have 'addressing' - if you have multiple
receivers in a room, they'll all work at the same time with a single remote. Another is that there's no error
checking or bi-directional link - that means the remote doesn't know if the module received the message or
not. Third, there are a few different types of receivers and each one looks identical but they're act
differently!


Similar Part No. - 1098

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
1098 ASHCROFT-1098 Datasheet
681Kb / 5P
1098 & 1100 Siphons
RevA_08-18
logo
Time Electronics Ltd.
1098 TIME-ELECTRONICS-1098 Datasheet
498Kb / 2P
Programmable Multi-Function Calibrator
1098 TIME-ELECTRONICS-1098 Datasheet
466Kb / 2P
Programmable Multi-Function Calibrator
logo
List of Unclassifed Man...
10980 ETC-10980 Datasheet
110Kb / 2P
30.0 MM DIA OPTIC 4 LEG HOLDER
11-Feb-09
logo
PHOENIX CONTACT
1098052 PHOENIX-1098052 Datasheet
830Kb / 25P
Feed-through plug - DFK-MSTB 2,5/ 4-STF-5,08-LR
May 10, 2022
More results

Similar Description - 1098

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1470 MAXIM-MAX1470 Datasheet
220Kb / 12P
315MHz Low-Power, 3V Superheterodyne Receiver
Rev 1; 8/02
logo
RF Micro Devices
DK1000R RFMD-DK1000R Datasheet
171Kb / 6P
315MHZ REMOTE KEYLESS ENTRY RECEIVER
logo
Micrel Semiconductor
MICRF213 MICREL-MICRF213 Datasheet
974Kb / 16P
3.3V, QwikRadio짰 315MHz Receiver
logo
Maxim Integrated Produc...
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX7034 MAXIM-MAX7034_09 Datasheet
172Kb / 14P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
MAX7033 MAXIM-MAX7033_11 Datasheet
214Kb / 15P
315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 2; 1/11
logo
Micrel Semiconductor
MICRF213 MICREL-MICRF213_11 Datasheet
975Kb / 16P
3.3V, QwikRadio 315MHz Receiver
logo
Maxim Integrated Produc...
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX1470 MAXIM-MAX1470_V01 Datasheet
1Mb / 12P
315MHz Low-Power, 3V Superheterodyne Receiver
2014
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
315MHz/434MHz ASK Superheterodyne Receiver
2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com