Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATL Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCF85263ATL
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATL Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCF85263ATL Datasheet HTML 39Page - NXP Semiconductors PCF85263ATL Datasheet HTML 40Page - NXP Semiconductors PCF85263ATL Datasheet HTML 41Page - NXP Semiconductors PCF85263ATL Datasheet HTML 42Page - NXP Semiconductors PCF85263ATL Datasheet HTML 43Page - NXP Semiconductors PCF85263ATL Datasheet HTML 44Page - NXP Semiconductors PCF85263ATL Datasheet HTML 45Page - NXP Semiconductors PCF85263ATL Datasheet HTML 46Page - NXP Semiconductors PCF85263ATL Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
43 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
Oscillator circuits suffer from jitter. In particular, ultra low-power oscillators like the one
used in the PCF85263A are optimized for power and not jitter. By setting the LOWJ bit,
the jitter performance can be improved at the cost of power consumption.
8.10.5 OSCD[1:0]: quartz oscillator drive control
[1]
Default value.
The oscillator is designed to be used with quartz with a series resistance up to 100 k
.
This covers the typical range of 32.768 kHz quartz crystals. Series resistance is also
referred to as: ESR, motional resistance, or RS.
A low drive mode is available for low series resistance quartz. This reduces the current
consumption.
For very high series resistance quartz, there is a high drive mode. Current consumption
increases substantially in this mode.
8.10.6 CL[1:0]: quartz oscillator load capacitance
[1]
Default value.
CL refers to the load capacitance of the oscillator circuit and allows for a certain amount of
package and PCB parasitic capacitance. When the oscillator circuit matches the CL
parameter of the quartz, then the frequency offset is zero.
The PCF85263A is designed to operate with quartz with CL values of 6.0 pF, 7.0 pF and
12.5 pF.
12.5 pF are generally the cheapest and most widely available, but also require the most
power to drive. The circuit also operates with 9.0 pF quartz, however the offset calibration
would be needed to compensate. If a 9.0 pF quartz is used, then it is recommended to set
CL to 7.0 pF.
Table 34.
OSCD[1:0] bits - oscillator control register (address 25h)
Bit
Symbol
Value
Description
3 to 2
OSCD[1:0]
oscillator drive bits
00[1]
normal drive; RS(max): 100 k
01
low drive; RS(max): 60 k; reduced IDD
10, 11
high drive; RS(max): 500 k; increased IDD
Table 35.
CL[1:0] bits - oscillator control register (address 25h)
Bit
Symbol
Value
Description
1 to 0
CL[1:0]
internal oscillator capacitor selection for
quartz crystals with the corresponding load
capacitance of CL:
00[1]
7.0 pF
01
6.0 pF
10
12.5 pF
11
12.5 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com