Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATL Datasheet(PDF) 68 Page - NXP Semiconductors

Part # PCF85263ATL
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATL Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button PCF85263ATL Datasheet HTML 64Page - NXP Semiconductors PCF85263ATL Datasheet HTML 65Page - NXP Semiconductors PCF85263ATL Datasheet HTML 66Page - NXP Semiconductors PCF85263ATL Datasheet HTML 67Page - NXP Semiconductors PCF85263ATL Datasheet HTML 68Page - NXP Semiconductors PCF85263ATL Datasheet HTML 69Page - NXP Semiconductors PCF85263ATL Datasheet HTML 70Page - NXP Semiconductors PCF85263ATL Datasheet HTML 71Page - NXP Semiconductors PCF85263ATL Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
68 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
Figure 36 shows the waveforms that can be expected. sample clock, vdd_int and stop are
internal nodes. vdd_int is the supply which operates the IC and will be either VDD or VBAT,
depending on the state of the battery switch-over.
• At and before t1, SW1 is open (TS pin floating). The TS pin is sampled and the
internal pull-up resistor will pull the pin HIGH to vdd_int. No actions are taken by the
IC.
• At t2, SW1 is still open. No action is taken by the IC.
• At t3, SW1 closes. The TS pin is now shorted to VSS. The TS pin has not been
sampled yet, so no action is taken by the IC.
• At t4, SW1 is closed. The internal pull-up resistor is enabled, but TS pin remains
LOW. The pin is then sampled and the LOW level detected. As the TSL bit was set for
active LOW detection, the HIGH-LOW transition of TS pin sampled triggers an event.
STOPM mode was configured to allow the TS pin to stop the time counting. As the
TSL bit was set for active LOW, time counting stops when the TS pin is LOW.
Timestamp register 2 was configured to take a copy of the time on an event of the TS
pin, hence TSR2 loads the time t4. TSR2F is also set.
Table 66.
Application configuration
Register
Section
Bit(s)
State
Comment
Pin_IO
Section 8.12
TSPM[1:0]
11
TS pin in input mode
Pin_IO
Section 8.12
TSIM
1
select mechanical switch mode
Pin_IO
Section 8.12
TSL
1
TS pin input is active LOW
Function
Section 8.13
STOPM
1
allow TS pin to control STOP
TSRIEA
1
allow timestamps to create interrupts
ILPA
0
generate interrupt pulses
TSR_mode
Section 8.12
TSR2M[2:0]
101
last event mode for timestamp2
Pin_IO
Section 8.12
INTAPM[1:0]
10
output interrupt on INTA
Fig 36. Application example timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com