Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATL Datasheet(PDF) 51 Page - NXP Semiconductors

Part # PCF85263ATL
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATL Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button PCF85263ATL Datasheet HTML 47Page - NXP Semiconductors PCF85263ATL Datasheet HTML 48Page - NXP Semiconductors PCF85263ATL Datasheet HTML 49Page - NXP Semiconductors PCF85263ATL Datasheet HTML 50Page - NXP Semiconductors PCF85263ATL Datasheet HTML 51Page - NXP Semiconductors PCF85263ATL Datasheet HTML 52Page - NXP Semiconductors PCF85263ATL Datasheet HTML 53Page - NXP Semiconductors PCF85263ATL Datasheet HTML 54Page - NXP Semiconductors PCF85263ATL Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
51 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
8.12.3 TSL: TS pin level sense
[1]
Default value.
The active state of the TS pin can be defined for use as a timestamp trigger and/or as stop
control for the time counting. Active HIGH implies a transition from logic 0 to logic 1 is
active. Active LOW implies a transition from logic 1 to logic 0 is active.
8.12.4 TSPM[1:0]: TS pin I/O control
[1]
Default value.
These bits control the operation of the TS pin.
TSIM is only considered when the TS pin is in input mode.
8.12.4.1
TS pin output mode; INTB
It is possible to output INTB data on the TS pin. The output is push-pull. No output is
available when on VBAT. When on VBAT the output is Hi-Z.
Table 46.
TSL bit - Pin_IO control register (address 27h)
Bit
Symbol
Value
Description
5TSL
TS pin input sense
0[1]
active HIGH
1
active LOW
Table 47.
TSPM[1:0] bits - Pin_IO control register (address 27h)
Bit
Symbol
Value
Description
3 to 2
TSPM[1:0]
TS pin IO mode
00[1]
disabled; input can be left floating
01
INTB output; push-pull
10
CLK output; push-pull
11
input mode
(1) Not available on all package types.
Fig 28. TS pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com