Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5619 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV5619
Description  2.7VTO05.5V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5619 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV5619 Datasheet HTML 4Page - Texas Instruments TLV5619 Datasheet HTML 5Page - Texas Instruments TLV5619 Datasheet HTML 6Page - Texas Instruments TLV5619 Datasheet HTML 7Page - Texas Instruments TLV5619 Datasheet HTML 8Page - Texas Instruments TLV5619 Datasheet HTML 9Page - Texas Instruments TLV5619 Datasheet HTML 10Page - Texas Instruments TLV5619 Datasheet HTML 11Page - Texas Instruments TLV5619 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TLV5619EP
2.7 V TO 5.5 V 12BIT PARALLEL DIGITALTOANALOG CONVERTER
WITH POWER DOWN
SGLS124A − JULY 2002 − REVISED DECEMBER 2003
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
3
2
1
100 k
10 k
1 k
4
MAXIMUM OUTPUT VOLTAGE
vs
LOAD
5
100
10
VDD = 5 V, Vref = 2 V,
Input Code = 4095
RL − Output Load − Ω
Figure 3
2
1.5
1
0.5
100 k
10 k
1 k
2.5
MAXIMUM OUTPUT VOLTAGE
vs
LOAD
3
100
10
VDD = 3 V, Vref = 1.2 V,
Input Code = 4095
RL − Output Load − Ω
Figure 4
−60
−80
−100
−40
−20
TOTAL HARMONIC DISTORTION
vs
LOAD
0
100 k
10 k
1 k
100
10
VDD = 5 V, Vref = 2 V,
Tone at 1 kHz
RL − Output Load − Ω
Figure 5
−30
−50
−70
−80
0
5
10
15
20
−20
−10
f − Frequency − kHz
0
25
30
35
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
−40
−60
VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com