Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5619 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV5619
Description  2.7VTO05.5V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5619 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV5619 Datasheet HTML 9Page - Texas Instruments TLV5619 Datasheet HTML 10Page - Texas Instruments TLV5619 Datasheet HTML 11Page - Texas Instruments TLV5619 Datasheet HTML 12Page - Texas Instruments TLV5619 Datasheet HTML 13Page - Texas Instruments TLV5619 Datasheet HTML 14Page - Texas Instruments TLV5619 Datasheet HTML 15Page - Texas Instruments TLV5619 Datasheet HTML 16Page - Texas Instruments TLV5619 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TLV5619EP
2.7 V TO 5.5 V 12BIT PARALLEL DIGITALTOANALOG CONVERTER
WITH POWER DOWN
SGLS124A − JULY 2002 − REVISED DECEMBER 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
parallel interface
The device latches data on the positive edge of WE. It must be enabled with CS low. LDAC low updates the
DAC with the value in the holding latch. LDAC is an asynchronous input and can be held low, if a separate update
is not necessary. However, to control the DAC using the load feature, LDAC can be driven low after the positive
WE edge.
Address
Decoder
A(0−15)
IS
WE
D(0−15)
CS
LDAC
WE
D(0−11)
TMS320C2XX, 5X
TLV5619
Figure 11. Proposed Interface Between TLV5619 and TMS320C2XX, 5X DSPs
Address
Decoder
A(0−15)
TCLK0
R/W
D(0−15)
CS
LDAC
WE
D(0−11)
TMS320C3X
TLV5619
IOSTROBE
Figure 12. Proposed Interface Between TLV5619 and TMS320C3X DSPs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com