Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5619 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV5619
Description  2.7VTO05.5V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5619 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV5619 Datasheet HTML 8Page - Texas Instruments TLV5619 Datasheet HTML 9Page - Texas Instruments TLV5619 Datasheet HTML 10Page - Texas Instruments TLV5619 Datasheet HTML 11Page - Texas Instruments TLV5619 Datasheet HTML 12Page - Texas Instruments TLV5619 Datasheet HTML 13Page - Texas Instruments TLV5619 Datasheet HTML 14Page - Texas Instruments TLV5619 Datasheet HTML 15Page - Texas Instruments TLV5619 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
TLV5619EP
2.7 V TO 5.5 V 12BIT PARALLEL DIGITALTOANALOG CONVERTER
WITH POWER DOWN
SGLS124A − JULY 2002 − REVISED DECEMBER 2003
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
linearity, offset, and gain error using single end supplies
When an amplifier is operated from a single supply, the voltage offset can still be either positive or negative. With
a positive offset, the output voltage changes on the first code change. With a negative offset the output voltage
may not change with the first code depending on the magnitude of the offset voltage.
The output amplifier attempts to drive the output to a negative voltage. However, because the most negative
supply rail is ground, the output cannot drive below ground and clamps the output at 0 V.
The output voltage remains at zero until the input code value produces a sufficient positive output voltage to
overcome the negative offset voltage, resulting in the transfer function shown in Figure 10.
DAC Code
Output
Voltage
0 V
Negative
Offset
Figure 10. Effect of Negative Offset (Single Supply)
This offset error, not the linearity error, produces this breakpoint. The transfer function would have followed the
dotted line if the output buffer could drive below the ground rail.
For a DAC, linearity is measured between zero input code (all inputs 0) and full scale code (all inputs 1) after
offset and full scale are adjusted out or accounted for in some way. However, single supply operation does not
allow for adjustment when the offset is negative due to the breakpoint in the transfer function. So the linearity
is measured between full scale code and the lowest code that produces a positive output voltage.
general function
The TLV5619 is a 12-bit, single supply DAC, based on a resistor string architecture. It consists of a parallel
interface, a power down control logic, a resistor string, and a rail-to-rail output buffer. The output voltage (full
scale determined by reference) is given by:
2REF
CODE
0x1000
[V]
Where REF is the reference voltage and CODE is the digital input value, range 0x000 to 0xFFF. A power on
reset initially puts the internal latches to a defined state (all bits zero).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com