Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV7256 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV7256
Description  DUAL COMPARATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7256 Datasheet(HTML) 2 Page - Texas Instruments

  TLV7256 Datasheet HTML 1Page - Texas Instruments TLV7256 Datasheet HTML 2Page - Texas Instruments TLV7256 Datasheet HTML 3Page - Texas Instruments TLV7256 Datasheet HTML 4Page - Texas Instruments TLV7256 Datasheet HTML 5Page - Texas Instruments TLV7256 Datasheet HTML 6Page - Texas Instruments TLV7256 Datasheet HTML 7Page - Texas Instruments TLV7256 Datasheet HTML 8Page - Texas Instruments TLV7256 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
TLV7256
DUAL COMPARATOR
SLCS147A – OCTOBER 2006 – REVISED JANUARY 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
1.5
7
V
VID
Differential input voltage
V
VI
Input voltage
VCC–
VCC+
V
IO
Output current
±35
mA
DCT package
220
θ
JA
Thermal resistance, juction to ambient(2)
°C/W
DDU package
227
DCT package
250
PD
Power dissipation
mW
DDU package
200
TA
Operating free-air temperature range
–40
85
°C
Tstg
Storage temperature range
–55
125
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Package thermal impedance is calculated according to JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
1.8
5
V
TA
Operating free-air temperature
–40
85
°C
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com