Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV7256 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV7256
Description  DUAL COMPARATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7256 Datasheet(HTML) 3 Page - Texas Instruments

  TLV7256 Datasheet HTML 1Page - Texas Instruments TLV7256 Datasheet HTML 2Page - Texas Instruments TLV7256 Datasheet HTML 3Page - Texas Instruments TLV7256 Datasheet HTML 4Page - Texas Instruments TLV7256 Datasheet HTML 5Page - Texas Instruments TLV7256 Datasheet HTML 6Page - Texas Instruments TLV7256 Datasheet HTML 7Page - Texas Instruments TLV7256 Datasheet HTML 8Page - Texas Instruments TLV7256 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.ti.com
Electrical Characteristics
TLV7256
DUAL COMPARATOR
SLCS147A – OCTOBER 2006 – REVISED JANUARY 2007
V
CC+ = 5 V, VCC– = GND, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
±2
±7
VIO
Input offset voltage
mV
–40
°C to 85°C
±8
IIO
Input offset current
25
°C
2
pA
II
Input bias current
25
°C
4
pA
VCM
Common-mode input voltage
25
°C
0
VCC
V
∆V
CM = 5 V
25
°C
48
65
CMRR
Common-mode rejection ratio
dB
0
≤ V
CM ≤ 5 V
–40
°C to 85°C
48
Output = High, VIN = 5 V
37
51
25
°C
Output = Low, VIN = 5 V
40
60
Output = High, VIN = 5 V
61
–40
°C to 85°C
Output = Low, VIN = 5 V
70
ICC
Supply current
µA
Output = High, VIN = 2.5 V
20
32
25
°C
Output = Low, VIN = 2.5 V
26
42
Output = High, VIN = 2.5 V
40
–40
°C to 85°C
Output = Low, VIN = 2.5 V
53
AVD
Voltage gain
VD = 3 V, 1 V ≤ VOUT ≤ 4 V
25
°C
88
dB
25
°C
25
33
Isink
Sink current
VOL = 0.5 V
mA
–40
°C to 85°C
20
25
°C
30
35
Isource
Source current
VOH = 4.5 V
mA
–40
°C to 85°C
25
25
°C
0.07
0.12
VOL
Low-level output voltage
Isink = 5 mA
V
–40
°C to 85°C
0.20
25
°C
4.9
4.93
VOH
High-level output voltage
Isource = 5 mA
V
–40
°C to 85°C
4.85
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com